Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JCS24N50H Datasheet(PDF) 5 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # JCS24N50H
Description  N-CHANNEL MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

JCS24N50H Datasheet(HTML) 5 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  JCS24N50H Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS24N50H Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS24N50H Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS24N50H Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS24N50H Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS24N50H Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS24N50H Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS24N50H Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS24N50H Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
R
JCS24N50H
版本:201510B
5/9
特征曲线
ELECTRICAL CHARACTERISTICS (curves)
On-Region Characteristics
IF
vs
VF
Transfer Characteristics
IR
vs
VR
On-Resistance Variation vs
Drain Current and Gate Voltage
IF(AV)
vs
TC
Body Diode Forward Voltage Variation
vs. Source Current and Temperature
IF(AV)
vs
TC
Capacitance Characteristics
IF(AV)
vs
TC
Capacitance Characteristics
IF(AV)
vs
TC
10
0
10
1
10
-1
10
0
10
1
10
2
Notes:
1.250μs pulse test
2.T
C=25
℃
V
DS Drain-Source Voltage[V]
Top
15.0V
10.0V
9.0V
8.0V
7.0V
6.5V
6.0V
Bottom 5.5V
2
4
6
8
10
12
10
0
10
1
10
2
-55℃
25℃
V
GS Gate-Source Voltage[V]
150℃
Note:
1.VDS=20V
2.250μs Pulse Test
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
0.10
0.15
0.20
0.25
0.30
0.35
Note :T
j=25
℃
V
GS=10V
V
GS=20V
I
D [A]
10
0
10
1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
25℃
150℃
V
SD Source-Drain voltage[V]
Note:
1.VGS=0V
2.250μs Pulse Test
10
-1
10
0
10
1
1000
2000
3000
4000
5000
6000
7000
*Note:
1.V
GS=0V
2.f=1MHz
C
iss
C
oss
C
rss
C
iss = Cgs +Cgd
(C
ds =shorted)
C
oss = Cds +Cgd
C
rss = Cgd
V
DS Drain-Source Voltage [V]



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com