Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3B16 Datasheet(PDF) 3 Page - Analog Devices

Part # 3B16
Description  Narrow Bandwidth Strain Gage Input
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

3B16 Datasheet(HTML) 3 Page - Analog Devices

  3B16 Datasheet HTML 1Page - Analog Devices 3B16 Datasheet HTML 2Page - Analog Devices 3B16 Datasheet HTML 3Page - Analog Devices 3B16 Datasheet HTML 4Page - Analog Devices 3B16 Datasheet HTML 5Page - Analog Devices 3B16 Datasheet HTML 6Page - Analog Devices 3B16 Datasheet HTML 7Page - Analog Devices 3B16 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3B16
Rev. 0 | Page 3 of 8
3B16 Models Available
Model
Input
Bridge
Input
Range
Excitation
Sensitivity
Output
Ranges1
3B16-00
Full Bridge
Externally
Programmable2
+10 V
Externally
Programmable2
-10 V to +10 V &
0 mA to 20 mA
3B16-01
Full Bridge
-30 mV to +30 mV
+10 V
3 mV/V
-10 V to +10 V &
0 mA to 20 mA
3B16-Custom
Full Bridge
*
+10 V
*
*
1 Output current range may be user programmed to 4 mA to 20 mA using jumper supplied.
2 Requires AC1310 ranging card.
* Custom Input/Output ranges are available. Refer to configuration guide.
3B16 Specifications
(typical @ +25°C and ±15 V dc, and +24 V dc Power)
Description
Model 3B16
Input Range
Standard Range
±30 mV (3 mV/V sensitivity @ Vexc = +10V)
Custom Ranges
±5 mV to ±500 mV
Output Range
Voltage (RL > 2 KΩ)
-10 V to +10 V
Current (RL = 0 to 850Ω)
1
4 mA to 20 mA or 0 mA to 20 mA
Maximum Current Output Span
0 mA to 31 mA
Accuracy2
Initial @ +25°C
±0.1% Span
Nonlinearity2
±0.01% Span
Stability vs. Temperature
Voltage Output
Zero
±3 µV/°C (RTI)
Span
±25 ppm of Reading/°C
Current Output3
Zero
±25 ppm of Span/°C
Span
±25 ppm of Reading/°C
Bridge Excitation
Voltage
+10 V
Voltage, tolerance
±2%
Voltage vs. Temperature
±0.0015%/°C
Bridge Resistance Range



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com