Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24LC22A Datasheet(PDF) 6 Page - Microchip Technology

Part # 24LC22A
Description  2K VESA E - EDID SERIAL EEPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC22A Datasheet(HTML) 6 Page - Microchip Technology

Back Button 24LC22A Datasheet HTML 2Page - Microchip Technology 24LC22A Datasheet HTML 3Page - Microchip Technology 24LC22A Datasheet HTML 4Page - Microchip Technology 24LC22A Datasheet HTML 5Page - Microchip Technology 24LC22A Datasheet HTML 6Page - Microchip Technology 24LC22A Datasheet HTML 7Page - Microchip Technology 24LC22A Datasheet HTML 8Page - Microchip Technology 24LC22A Datasheet HTML 9Page - Microchip Technology 24LC22A Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
/&$
'6$SDJH 
  0L.UR.KLS 7H.KQRORJ\ ,Q.
),*85( 
',63/$< 23(5$7,21 3(5 ''& 67$1'$5' 352326(' %< 9(6$
&RPPXQL.DWLRQ
LV LGOH
,V 9V\Q.
SUHVHQW"
1R
6HQG(','.RQWLQXRXVO\
XVLQJ 9V\Q. DV .OR.N
+LJK WRORZ
WUDQVLWLRQRQ
6&/"
1R
<HV
<HV
6WRSVHQGLQJ (','
6ZLW.K WR''&PRGH
'LVSOD\ KDV
WUDQVLWLRQVWDWH
"
RSWLRQDO
6HW9V\Q. .RXQWHU 
&KDQJHRQ
9&/. OLQHV"
6&/6'$ RU
1R
<HV
+LJK ORZ
WUDQVLWLRQRQ6&/
"
5HVHW 9V\Q. .RXQWHU 
1R
<HV
9DOLG
UH.HLYHG"
''&DGGUHVV
1R
1R
9&/.
.\.OH"
<HV
,Q.UHPHQW9&/. .RXQWHU
<HV
6ZLW.K ED.N WR''&
PRGH
''&.RPPXQL.DWLRQ
LGOH'LVSOD\ ZDLWLQJ IRU
DGGUHVV E\WH
''&%
DGGUHVV
UH.HLYHG"
<HV
5H.HLYH''&%
.RPPDQG
5HVSRQGWR ''&%
.RPPDQG
,V GLVSOD\
$..HVVEXV70
<HV
9DOLG $..HVVEXV
DGGUHVV"
1R
<HV
6HH$..HVVEXV
VSH.LIL.DWLRQ WRGHWHUPLQH
.RUUH.WSUR.HGXUH
<HV
1R
<HV
1R
1R
1R
7KH /&$ ZDV GHVLJQHG WR
'LVSOD\ 3RZHURQ
RU
''&&LU.XLW3RZHUHG
IURP YROWV
RU VWDUWWLPHU
5HVHW .RXQWHU RU WLPHU
LIDSSURSULDWH
&RXQWHU  RU
WLPHU H[SLUHG"
+LJKWRORZ
WUDQVLWLRQRQ
6&/"
1R
<HV
.RPSO\ WR WKH SRUWLRQ RI IORZ.KDUW LQVLGH GDVK ER[
1RWH  7KH EDVH IORZ.KDUW LV .RS\ULJKW     9LGHR (OH.WURQL. 6WDQGDUG $VVR.LDWLRQ 9(6$
IURP 9(6$¶V 'LVSOD\ 'DWD &KDQQHO ''& 6WDQGDUG 3URSRVDO YHU S UHY  XVHG E\ SHUPLVVLRQ RI
9(6$
 7KH GDVK ER[ DQG WH[W ³7KH /&$ DQG LQVLGH GDVK ER[´ DUH DGGHG E\ 0L.UR.KLS 7H.KQRORJ\ ,Q.
.DSDEOH"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com