Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE4430 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4430
Description  N Male Connector Crimp/Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4430 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4430 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4430 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4430 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• N Male Connector
• MIL-STD-348A
• 50 Ohms
• Straight Body Geometry
• RG213, RG215, RG8 Interface Type
• Crimp/Solder Attachment
Features
• Max. Operating Frequency 10 GHz
• Good VSWR of 1.3:1
• Gold Plated Brass Contact
• 30 µin minimum contact plating
Applications
• General Purpose Test
• Custom Cable Assemblies
.
Description
Pasternack’s PE4430 type N male connector with crimp/solder attachment for RG213, RG215 and RG8 is part of our full line
of RF components available for same-day shipping. Our type N male connector operates up to a maximum frequency of 10
GHz and offers good VSWR of 1.3:1.
Our type N male connector PE4430 datasheet specifications and drawing with dimensions are shown below in this PDF.
Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and customize
their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply create a custom
cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly build your custom
cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
10
GHz
VSWR
1.3:1
Operating Voltage (AC)
1,000
Vrms
.
Mechanical Specifications
Size
Length
1.57 in [39.88 mm]
Width/Dia.
0.787 in [19.99 mm]
.
Weight
0.075 lbs [34.02 g]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Male Connector Crimp/Solder Attachment for RG213, RG215, RG8 PE4430
PE4430 REV 1.4
N Male Connector Crimp/Solder Attachment
for RG213, RG215, RG8
RF Connectors Technical Data Sheet
PE4430


Similar Part No. - PE4430

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4430 PASTERNACK-PE4430 Datasheet
372Kb / 3P
N Male Connector Crimp-Solder Attachment for RG213, RG8
PE44300 PASTERNACK-PE44300 Datasheet
267Kb / 3P
MCX Jack Connector Crimp/Solder Attachment For RG178, RG196
PE44301 PASTERNACK-PE44301 Datasheet
270Kb / 3P
MCX Jack Bulkhead Connector Crimp/Solder Attachment For RG179, RG187, .177 inch D Hole
PE44302 PASTERNACK-PE44302 Datasheet
219Kb / 3P
75 Ohm MCX Jack Connector Solder Attachment Surface Mount PCB
PE44303 PASTERNACK-PE44303 Datasheet
202Kb / 2P
MCX Jack Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
More results

Similar Description - PE4430

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4550 PASTERNACK-PE4550_17 Datasheet
358Kb / 3P
N Male Connector Crimp/Solder Attachment
PE4048 PASTERNACK-PE4048_16 Datasheet
360Kb / 3P
N Male Connector Crimp/Solder Attachment
PE4329 PASTERNACK-PE4329 Datasheet
652Kb / 3P
N Male Connector Crimp/Solder Attachment
PE4344 PASTERNACK-PE4344_16 Datasheet
351Kb / 3P
N Male Connector Crimp/Solder Attachment
PE4429 PASTERNACK-PE4429_16 Datasheet
406Kb / 3P
N Male Connector Crimp/Solder Attachment
PE4432 PASTERNACK-PE4432_16 Datasheet
318Kb / 3P
N Male Connector Crimp/Solder Attachment
PE4483 PASTERNACK-PE4483_17 Datasheet
367Kb / 4P
N Male Right Angle Connector Crimp/Solder Attachment
PE4485 PASTERNACK-PE4485 Datasheet
309Kb / 3P
N Male Right Angle Connector Crimp/Solder Attachment
PE4508 PASTERNACK-PE4508_16 Datasheet
322Kb / 3P
75 Ohm N Male Connector Crimp/Solder Attachment
PE4510 PASTERNACK-PE4510_16 Datasheet
356Kb / 4P
75 Ohm N Male Connector Crimp/Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com