Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

16TTS08STRR Datasheet(PDF) 1 Page - International Rectifier

Part # 16TTS08STRR
Description  SURFACE MOUNTABLE PHASE CONTROL SCR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

16TTS08STRR Datasheet(HTML) 1 Page - International Rectifier

  16TTS08STRR Datasheet HTML 1Page - International Rectifier 16TTS08STRR Datasheet HTML 2Page - International Rectifier 16TTS08STRR Datasheet HTML 3Page - International Rectifier 16TTS08STRR Datasheet HTML 4Page - International Rectifier 16TTS08STRR Datasheet HTML 5Page - International Rectifier 16TTS08STRR Datasheet HTML 6Page - International Rectifier 16TTS08STRR Datasheet HTML 7Page - International Rectifier 16TTS08STRR Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
SURFACE MOUNTABLE
PHASE CONTROL SCR
Bulletin I2105 rev. D 12/98
SAFEIR Series
16TTS..S
V
T
< 1.4V @ 10A
I
TSM
= 200A
V
RRM = 800 to 1600V
www.irf.com
Major Ratings and Characteristics
D2 PAK (SMD-220)
I
T(AV)
Sinusoidal
10
A
waveform
I
RMS
16
A
V
RRM/
V
DRM
up to 1600
V
I
TSM
200
A
V
T
@ 10 A, T
J
= 25°C
1.4
V
dv/dt
500
V/µs
di/dt
150
A/µs
T
J
- 40 to 125
°C
Characteristics
16TTS..S
Units
Output Current in Typical Applications
TA = 55°C, TJ = 125°C, footprint 300mm2
NEMA FR-4 or G10 glass fabric-based epoxy
2.5
3.5
with 4 oz (140µm) copper
Aluminum IMS, RthCA = 15°C/W
6.3
9.5
A
Aluminum IMS with heatsink, RthCA = 5°C/W
14.0
18.5
Applications
Single-phase Bridge
Three-phase Bridge Units
Description/Features
The 16TTS..S
SAFEIR series of silicon controlled
rectifiers are specifically designed for medium
power switching and phase control applications.
The glass passivation technology used has reli-
able operation up to 125° C junction temperature.
Typical applications are in input rectification (soft
start) and these products are designed to be used
with International Rectifier input diodes, switches
and output rectifiers which are available in identi-
cal package outlines.
Package Outline


Similar Part No. - 16TTS08STRR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
16TTS08STRR VISHAY-16TTS08STRR Datasheet
142Kb / 7P
Surface Mountable Phase Control SCR, 16 A
04-Jul-08
16TTS08STRRPBF VISHAY-16TTS08STRRPBF Datasheet
142Kb / 7P
Surface Mountable Phase Control SCR, 16 A
02-Jul-08
16TTS08STRRPBF VISHAY-16TTS08STRRPBF Datasheet
627Kb / 7P
Surface Mountable Phase Control SCR, 16 A
08-Jun-10
More results

Similar Description - 16TTS08STRR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
25TTS IRF-25TTS Datasheet
313Kb / 7P
SURFACE MOUNTABLE PHASE CONTROL SCR
10TTS08S IRF-10TTS08S Datasheet
85Kb / 8P
SURFACE MOUNTABLE PHASE CONTROL SCR
25TTS16S IRF-25TTS16S Datasheet
189Kb / 8P
SURFACE MOUNTABLE PHASE CONTROL SCR
logo
Vishay Siliconix
10TTS08SPBF VISHAY-10TTS08SPBF Datasheet
124Kb / 7P
Surface Mountable Phase Control SCR, 10 A
24-Apr-08
16TTS16SPBF VISHAY-16TTS16SPBF Datasheet
141Kb / 7P
Surface Mountable Phase Control SCR, 16 A
04-Jul-08
16TTS08SPBF VISHAY-16TTS08SPBF_10 Datasheet
627Kb / 7P
Surface Mountable Phase Control SCR, 16 A
08-Jun-10
16TTS16SPBF VISHAY-16TTS16SPBF_10 Datasheet
165Kb / 7P
Surface Mountable Phase Control SCR, 16 A
16-Jul-10
10TTS08S VISHAY-10TTS08S_V01 Datasheet
104Kb / 7P
Surface Mountable Phase Control SCR, 10 A
19-Jun-08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com