Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

43CTQ080S Datasheet(PDF) 2 Page - International Rectifier

Part # 43CTQ080S
Description  SCHOTTKY RECTIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

43CTQ080S Datasheet(HTML) 2 Page - International Rectifier

  43CTQ080S Datasheet HTML 1Page - International Rectifier 43CTQ080S Datasheet HTML 2Page - International Rectifier 43CTQ080S Datasheet HTML 3Page - International Rectifier 43CTQ080S Datasheet HTML 4Page - International Rectifier 43CTQ080S Datasheet HTML 5Page - International Rectifier 43CTQ080S Datasheet HTML 6Page - International Rectifier 43CTQ080S Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
43CTQ..., 43CTQ...S, 43CTQ...-1
2
PD-20542 rev. B 11/99
www.irf.com
43CTQ080
43CTQ100
43CTQ080S
43CTQ100S
43CTQ080-1
43CTQ100-1
VR
Max. DC Reverse Voltage (V)
VRWM Max. Working Peak Reverse Voltage (V)
80
100
Voltage Ratings
Parameters
Absolute Maximum Ratings
Following any rated
load condition and with
rated V
RRM
applied
Parameters
Values
Units
Conditions
I
F(AV)
Max.AverageForward
(Per Leg)
20
A
50% duty cycle @ T
C
= 135°C, rectangular wave form
Current
* See Fig. 5
(Per Device)
40
I
FSM
Max.PeakOneCycleNon-Repetitive
850
5µs Sine or 3µs Rect. pulse
Surge Current (Per Leg) * See Fig. 7
275
10ms Sine or 6ms Rect. pulse
E
AS
Non-RepetitiveAvalancheEnergy
7.50
mJ
T
J
= 25 °C, I
AS
= 0.50 Amps, L = 60 mH
(Per Leg)
I
AR
RepetitiveAvalancheCurrent
0.50
A
Current decaying linearly to zero in 1 µsec
(Per Leg)
Frequency limited by T
J
max. V
A
= 1.5 x V
R
typical
A
T
J
Max.JunctionTemperatureRange
-55to175
°C
T
stg
Max.StorageTemperatureRange
-55to175
°C
R
thJC
Max.ThermalResistanceJunction
2.0
°C/W
DC operation
to Case (Per Leg)
R
thJC
Max.ThermalResistanceJunction
1.0
°C/W
DC operation
to Case (Per Package)
R
thCS
TypicalThermalResistance,Case
0.50
°C/W
Mounting surface , smooth and greased
to Heatsink
(only for TO-220)
wt
ApproximateWeight
2(0.07)
g(oz.)
T
MountingTorque
Min.
6(5)
Max.
12(10)
Thermal-Mechanical Specifications
Kg-cm
(Ibf-in)
Parameters
Values
Units
Conditions
V
FM
Max. Forward Voltage Drop
0.81
V
@ 20A
(Per Leg) * See Fig. 1
(1)
0.98
V
@ 40A
0.67
V
@ 20A
0.81
V
@ 40A
I
RM
Max. Reverse Leakage Current
1
mA
T
J
= 25 °C
(Per Leg) * See Fig. 2
(1)
11
mA
T
J
= 125 °C
V
F(TO)
Threshold Voltage
0.71
V
T
J
= T
J
max.
r
t
Forward Slope Resistance
0.43
m
Ω
C
T
Max. Junction Capacitance (Per Leg)
1480
pF
V
R
= 5V
DC
, (test signal range 100Khz to 1Mhz) 25°C
L
S
Typical Series Inductance (Per Leg)
8.0
nH
Measured lead to lead 5mm from package body
dv/dt Max. Voltage Rate of Change
10,000
V/ µs
(Rated V
R
)
T
J
= 25 °C
T
J
= 125 °C
Electrical Specifications
(1) Pulse Width < 300µs, Duty Cycle <2%
V
R
= rated V
R
Parameters
Values
Units
Conditions



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com