Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC1G57 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74LVC1G57
Description  Low-power configurable multiple function gate
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC1G57 Datasheet(HTML) 2 Page - NXP Semiconductors

  74LVC1G57 Datasheet HTML 1Page - NXP Semiconductors 74LVC1G57 Datasheet HTML 2Page - NXP Semiconductors 74LVC1G57 Datasheet HTML 3Page - NXP Semiconductors 74LVC1G57 Datasheet HTML 4Page - NXP Semiconductors 74LVC1G57 Datasheet HTML 5Page - NXP Semiconductors 74LVC1G57 Datasheet HTML 6Page - NXP Semiconductors 74LVC1G57 Datasheet HTML 7Page - NXP Semiconductors 74LVC1G57 Datasheet HTML 8Page - NXP Semiconductors 74LVC1G57 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
9397 750 13722
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 — 6 September 2004
2 of 18
Philips Semiconductors
74LVC1G57
Low-power configurable multiple function gate
3.
Quick reference data
[1]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ Σ(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = total load switching outputs;
Σ(C
L × VCC
2
× f
o) = sum of the outputs.
[2]
The condition is VI = GND to VCC.
4.
Ordering information
5.
Marking
Table 1:
Quick reference data
GND = 0 V; Tamb =25 °C; tr =tf ≤ 2.5 ns.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tPHL, tPLH propagation delay
input A, B and
C to output Y
CL = 30 pF; RL =1kΩ;
VCC = 1.8 V
-
6.0
-
ns
CL = 30 pF; RL = 500 Ω;
VCC = 2.5 V
-
3.5
-
ns
CL = 50 pF; RL = 500 Ω;
VCC = 2.7 V
-
4.2
-
ns
CL = 50 pF; RL = 500 Ω;
VCC = 3.3 V
-
3.8
-
ns
CL = 50 pF; RL = 500 Ω;
VCC = 5.0 V;
-
3.0
-
ns
CI
input capacitance
-
2.5
-
pF
CPD
power dissipation
capacitance per buffer
VCC = 3.3 V
[1] [2] -22
-
pF
Table 2:
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74LVC1G57GW
−40 °C to +125 °C
-
plastic surface mounted package; 6 leads
SOT363
74LVC1G57GV
−40 °C to +125 °C
-
plastic surface mounted package; 6 leads
SOT457
74LVC1G57GM
−40 °C to +125 °C
XSON6
plastic extremely thin small outline package;
no leads; 6 terminals; body 1
× 1.45 × 0.5 mm
SOT886
Table 3:
Marking
Type number
Marking code
74LVC1G57GW
YC
74LVC1G57GV
V57
74LVC1G57GM
YC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com