Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTPL-C035RN615 Datasheet(PDF) 8 Page - Lite-On Technology Corporation

Part # LTPL-C035RN615
Description  Specific Lighting
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTPL-C035RN615 Datasheet(HTML) 8 Page - Lite-On Technology Corporation

Back Button LTPL-C035RN615 Datasheet HTML 4Page - Lite-On Technology Corporation LTPL-C035RN615 Datasheet HTML 5Page - Lite-On Technology Corporation LTPL-C035RN615 Datasheet HTML 6Page - Lite-On Technology Corporation LTPL-C035RN615 Datasheet HTML 7Page - Lite-On Technology Corporation LTPL-C035RN615 Datasheet HTML 8Page - Lite-On Technology Corporation LTPL-C035RN615 Datasheet HTML 9Page - Lite-On Technology Corporation LTPL-C035RN615 Datasheet HTML 10Page - Lite-On Technology Corporation LTPL-C035RN615 Datasheet HTML 11Page - Lite-On Technology Corporation LTPL-C035RN615 Datasheet HTML 12Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
7/13
Part No. : LTPL-C035RN615
BNS-OD-FC002/A4
Specific Lighting
LTPL-C035RN615
8. User Guide
Suggested Reflow Soldering Characteristics
Notes:
1.
All temperatures refer to topside of the package, measured on the package body surface.
2.
The soldering profile could be further referred to different soldering grease material characteristic. The grease
vendor will provide this information.
3.
A rapid-rate process is not recommended for the LEDs cooling down from the peak temperature.
4.
Although the recommended reflow conditions are specified above, the reflow or hand soldering condition at
the lowest possible temperature is desirable for the LEDs.
5.
LiteOn cannot make a guarantee on the LEDs which have been already assembled using the dip soldering
method.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com