Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTPL-M07 Datasheet(PDF) 3 Page - Lite-On Technology Corporation

Part # LTPL-M07
Description  Specific Lighting
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTPL-M07 Datasheet(HTML) 3 Page - Lite-On Technology Corporation

  LTPL-M07 Datasheet HTML 1Page - Lite-On Technology Corporation LTPL-M07 Datasheet HTML 2Page - Lite-On Technology Corporation LTPL-M07 Datasheet HTML 3Page - Lite-On Technology Corporation LTPL-M07 Datasheet HTML 4Page - Lite-On Technology Corporation LTPL-M07 Datasheet HTML 5Page - Lite-On Technology Corporation LTPL-M07 Datasheet HTML 6Page - Lite-On Technology Corporation LTPL-M07 Datasheet HTML 7Page - Lite-On Technology Corporation LTPL-M07 Datasheet HTML 8Page - Lite-On Technology Corporation LTPL-M07 Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
2/18
Part No. : M07 CoB Product Series
BNS-OD-FC002/A4
LIGHT LED
M07 CoB Product Series
1.4 Product List
Part Number
Product
Series
CCT
CRI
Color Bin
Lumen Bin
3SDCM
5SDCM
ANSI
-8%~+8%
-15%~+15%
LTPL-M07452ZS30-T0
52
3000K
80
☆
☆
☆
☆
☆
LTPL-M07452ZS57-F1
52
5700K
80
☆
☆
☆
LTPL-M07452ZS65-F1
52
6500K
80
☆
☆
☆
LTPL-M07480ZS30-T0
80
3000K
80
☆
☆
☆
☆
☆
LTPL-M07480ZS57-F1
80
5700K
80
☆
☆
☆
LTPL-M07480ZS65-F1
80
6500K
80
☆
☆
☆



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com