Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADN2811 Datasheet(PDF) 14 Page - Analog Devices

Part # ADN2811
Description  OC-48/OC-48 FEC Clock and Data Recovery IC with Integrated Limiting Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2811 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADN2811 Datasheet HTML 8Page - Analog Devices ADN2811 Datasheet HTML 9Page - Analog Devices ADN2811 Datasheet HTML 10Page - Analog Devices ADN2811 Datasheet HTML 11Page - Analog Devices ADN2811 Datasheet HTML 12Page - Analog Devices ADN2811 Datasheet HTML 13Page - Analog Devices ADN2811 Datasheet HTML 14Page - Analog Devices ADN2811 Datasheet HTML 15Page - Analog Devices ADN2811 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
–14–
REV. A
ADN2811
Choosing AC-Coupling Capacitors
The choice of ac-coupling capacitors at the input (PIN, NIN)
and output (DATAOUTP, DATAOUTN) of the ADN2811
must be chosen carefully. When choosing the capacitors, the
time constant formed with the two 50
Ω resistors in the signal
path must be considered. When a large number of consecutive
identical digits (CIDs) are applied, the capacitor voltage can
drop due to baseline wander (see Figure 20), causing pattern
dependent jitter (PDJ).
For the ADN2811 to work robustly at OC-48, a minimum
capacitor of 0.1
µF to PIN/NIN and 0.1 µF on DATAOUTP/
DATAOUTN should be used. This is based on the assumption
that 1000 CIDs must be tolerated and that the PDJ should be
limited to 0.01 UI p-p.
50
ADN2811
NIN
PIN
50
VREF
CIN
CIN
V2
V1
V2b
V1b
TIA
LIMAMP
CDR
COUT
COUT
DATAOUTP
DATAOUTN
+
4
3
2
1
V1
V1b
V2
V2b
VDIFF
VDIFF = V2–V2b
VTH = ADN2811 QUANTIZER THRESHOLD
VREF
VTH
NOTES
1. DURING DATA PATERNS WITH HIGH TRANSITION DENSITY, DIFFERENTIAL DC VOLTAGE AT V1 AND V2 IS ZERO.
2. WHEN THE OUTPUT OF THE TIA GOES TO CID, V1 AND V1b ARE DRIVEN TO DIFFERENT DC LEVELS. V2 AND V2b DISCHARGE TO THE V REF LEVEL,WHICH
EFFECTIVELY INTRODUCES A DIFFERENTIAL DC OFFSET ACROSS THE AC-COUPLING CAPACITORS.
3. WHEN THE BURST OF DATA STARTS AGAIN,THE DIFFERENTIAL DC OFFSET ACROSS THE AC-COUPLING CAPACITORS IS APPLIED TO THE INPUT LEVELS,
CAUSING A DC SHIFT IN THE DIFFERENTIAL INPUT. THIS SHIFT IS LARGE ENOUGH SUCH THAT ONE OF THE STATES, EITHER HIGH OR LOW DEPENDING ON
THE LEVELS OF V1 AND V1b WHEN THE TIA WENT TO CID, IS CANCELLED OUT. THE QUANTIZER WILL NOT RECOGNIZE THIS AS A VALID STATE.
4. THE DC OFFSET SLOWLY DISCHARGES UNTIL THE DIFFERENTIAL INPUT VOLTAGE EXCEEDS THE SENSITIVITY OF THE ADN2811. THE QUANTIZER WILL BE
ABLE TO RECOGNIZE BOTH HIGH AND LOW STATES AT THIS POINT.
Figure 20. Example of Baseline Wander
DC-Coupled Application
The inputs to the ADN2811 can also be dc-coupled. This may
be necessary in burst mode applications where there are long
periods of CIDs and baseline wander cannot be tolerated. If the
inputs to the ADN2811 are dc-coupled, care must be taken not
to violate the input range and common-mode level requirements
of the ADN2811 (see Figures 21–23). If dc-coupling is required,
and the output levels of the TIA do not adhere to the levels
shown in Figures 22 and 23, then there will need to be level
shifting and/or an attenuator between the TIA outputs and the
ADN2811 inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com