Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA12333 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CA12333
Description  Strada Assembly
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA12333 Datasheet(HTML) 1 Page - Ledil, Inc.

  CA12333 Datasheet HTML 1Page - Ledil, Inc. CA12333 Datasheet HTML 2Page - Ledil, Inc. CA12333 Datasheet HTML 3Page - Ledil, Inc. CA12333 Datasheet HTML 4Page - Ledil, Inc. CA12333 Datasheet HTML 5Page - Ledil, Inc. CA12333 Datasheet HTML 6Page - Ledil, Inc. CA12333 Datasheet HTML 7Page - Ledil, Inc. CA12333 Datasheet HTML 8Page - Ledil, Inc. CA12333 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
PRODUCT DATASHEET
Strada series
last update 14/5/2014
DETAILS
Product Number
CA12333_STRADA-T-DW
Family
Strada
Type
Assembly
Color
clear
Diameter
19,6 x 15,5 mm
Height
11,3 mm
Style
rectang
Optic Material
PMMA
Holder Material
Fastening
tape, screw
Status
production ready
ROHS Compliant
Yes
Date Updated
14/05/2014
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
MX-6
Asymmetric degStreetligh...
92 %
-
-
NS3x83
Asymmetric degStreetligh...
92 %
-
-
NS6x83
Asymmetric degStreetligh...
92 %
-
-
NVSW219D
Asymmetric degStreetligh...
94 %
0.710
-
OLP-5065F6L-06A
Asymmetric degStreetligh...
91 %
0.570
-
3J (GSPW16)
sim: AsymmetricStreetligh...
sim: 89 % -
-
6J (GTDW16)
sim: AsymmetricStreetligh...
sim: 90 % -
-
January 31st 2018 10:18 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - CA12333

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA12333 LEDIL-CA12333 Datasheet
2Mb / 6P
Soft wide beam with good illuminance uniformity optimized for CREE MX-3 and MX-6. Assembly with installation tape.
CA12333 LEDIL-CA12333_18 Datasheet
2Mb / 6P
Soft wide beam with good illuminance uniformity optimized for CREE MX-3 and MX-6. Assembly with installation tape.
More results

Similar Description - CA12333

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CS12862 LEDIL-CS12862 Datasheet
3Mb / 50P
Strada Assembly
CS15671 LEDIL-CS15671 Datasheet
1Mb / 23P
Strada Assembly
CA10916 LEDIL-CA10916 Datasheet
156Kb / 3P
Strada Assembly
CA11180 LEDIL-CA11180 Datasheet
294Kb / 5P
Strada Assembly
CA11348 LEDIL-CA11348 Datasheet
433Kb / 9P
Strada Assembly
CA14032 LEDIL-CA14032 Datasheet
1Mb / 29P
Strada Assembly
CA15946 LEDIL-CA15946 Datasheet
967Kb / 13P
Strada Assembly
CA16470 LEDIL-CA16470 Datasheet
132Kb / 2P
Strada Assembly
CS14145 LEDIL-CS14145 Datasheet
2Mb / 39P
Strada Assembly
CS15362 LEDIL-CS15362 Datasheet
2Mb / 41P
Strada Assembly
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com