Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE4456 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4456
Description  TNC Male Right Angle Connector Clamp/Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4456 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4456 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4456 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4456 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• TNC Male Connector
• 50 Ohms
• Right Angle Body Geometry
• RG178, RG196 Interface Type
• Clamp/Solder Attachment
Features
• Max. Operating Frequency 3 GHz
• Good VSWR of 1.5:1
• Gold Plated Brass Contact
• 30µ in. minimum contact plating
Applications
• General Purpose Test
• Custom Cable Assemblies
.
Description
Pasternack’s PE4456 TNC male right angle connector with clamp/solder attachment for RG178 and RG196 is part of our full
line of RF components available for same-day shipping. Our TNC male connector operates up to a maximum frequency of 3
GHz and offers good VSWR of 1.5:1. Its right angle body geometry allows for easier connections in tight spaces.
Our TNC male right angle connector PE4456 datasheet specifications and drawing with dimensions are shown below in
this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
3
GHz
VSWR
1.5:1
Operating Voltage (AC)
500
Vrms
.
Mechanical Specifications
Size
Length
1.45 in [36.83 mm]
Width/Dia.
0.59 in [14.99 mm]
Height
1.15 in [29.21 mm]
.
Weight
0.1 lbs [45.36 g]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: TNC Male Right Angle Connector Clamp/Solder Attachment For RG178, RG196 PE4456
PE4456 REV 1.1
TNC Male Right Angle Connector Clamp/
Solder Attachment For RG178, RG196
RF Connectors Technical Data Sheet
PE4456


Similar Part No. - PE4456

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44560 PASTERNACK-PE44560 Datasheet
233Kb / 3P
7/16 DIN Female Connector Clamp/Solder Attachment For 1/2 inch Helical
PE44561 PASTERNACK-PE44561 Datasheet
333Kb / 3P
7/16 DIN Female Connector Clamp/Solder Attachment For 7/8 inch Helical
PE44562 PASTERNACK-PE44562 Datasheet
318Kb / 2P
N Male Connector Clamp/Solder Attachment For 1/2 inch Annular
PE44563 PASTERNACK-PE44563 Datasheet
336Kb / 2P
N Male Connector Clamp/Solder Attachment For 7/8 inch Annular
PE44564 PASTERNACK-PE44564 Datasheet
225Kb / 3P
N Male Right Angle Connector Clamp/Solder Attachment For 1/2 inch Annular, 1/2 inch Flexible, PE-1/2FAC
More results

Similar Description - PE4456

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44169 PASTERNACK-PE44169 Datasheet
263Kb / 3P
75 Ohm TNC Male Right Angle Connector Clamp/Solder Attachment For RG6
PE44171 PASTERNACK-PE44171 Datasheet
237Kb / 3P
75 Ohm TNC Male Right Angle Connector Clamp/Solder Attachment For RG59
PE4452 PASTERNACK-PE4452 Datasheet
206Kb / 2P
TNC Male Right Angle Connector Clamp - Solder Attachment For RG59, RG62
PE4054 PASTERNACK-PE4054_16 Datasheet
376Kb / 4P
TNC Male Right Angle Connector Clamp/Solder
PE4067 PASTERNACK-PE4067_17 Datasheet
546Kb / 5P
TNC Male Connector Clamp/Solder Attachment
PE4088 PASTERNACK-PE4088_16 Datasheet
370Kb / 4P
TNC Male Connector Clamp/Solder Attachment
PE4143 PASTERNACK-PE4143_14 Datasheet
250Kb / 2P
TNC Male Connector Clamp/Solder Attachment
PE4146 PASTERNACK-PE4146_16 Datasheet
397Kb / 3P
TNC Male Right Angle Connector Clamp/Solder Attachment
PE4154 PASTERNACK-PE4154_16 Datasheet
431Kb / 3P
TNC Male Connector Clamp/Solder Attachment
PE4449 PASTERNACK-PE4449_16 Datasheet
321Kb / 3P
TNC Male Connector Clamp/Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com