Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE4470 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE4470
Description  TNC Male Connector Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4470 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE4470 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4470 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4470 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Material Specifications
Description
Material
Plating
Contact
Brass
Gold
3 µin minimum
Insulation
PTFE
Body
Brass
Nickel
70 µin minimum
Coupling Nut
Brass
Nickel
70 µin minimum
.
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
TNC Male Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal, .531 inch Hole Spacing from Pasternack
Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products
maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: TNC Male Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal, .531 inch
Hole Spacing PE4470
URL: https://www.pasternack.com/tnc-male-standard-solder-cup-terminal-connector-pe4470-p.aspx
PE4470 REV 1.1
RF Connectors Technical Data Sheet
PE4470
TNC Male Connector Solder Attachment 4 Hole Flange
Mount Solder Cup Terminal, .531 inch Hole Spacing



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com