Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA180B2IDBVT Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # INA180B2IDBVT
Description  Low- and High-Side Voltage Output, Current-Sense Amplifiers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA180B2IDBVT Datasheet(HTML) 27 Page - Texas Instruments

Back Button INA180B2IDBVT Datasheet HTML 23Page - Texas Instruments INA180B2IDBVT Datasheet HTML 24Page - Texas Instruments INA180B2IDBVT Datasheet HTML 25Page - Texas Instruments INA180B2IDBVT Datasheet HTML 26Page - Texas Instruments INA180B2IDBVT Datasheet HTML 27Page - Texas Instruments INA180B2IDBVT Datasheet HTML 28Page - Texas Instruments INA180B2IDBVT Datasheet HTML 29Page - Texas Instruments INA180B2IDBVT Datasheet HTML 30Page - Texas Instruments INA180B2IDBVT Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
1
2
3
8
6
IN-1
IN-2
IN+2
Curren t Sense
Output 1
OUT1
VS
RSHUNT1
Loa d1
VIA to Gro und
Plan e
VS: 2.7 V to 5.5 V
CBYPASS
4
5
IN+2
GND
7
OUT2
RSHUNT2
Curren t Sense
Output 2
Loa d2
Directio n o f
Curren t Flo w
Directio n o f
Curren t Flo w
Bus Voltage:
-0.2V to 26V
27
INA180, INA2180, INA4180
www.ti.com
SBOS741C – APRIL 2017 – REVISED DECEMBER 2017
Product Folder Links: INA180 INA2180 INA4180
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Layout Examples (continued)
Figure 52. Dual-Channel Recommended Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com