Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF89XA Datasheet(PDF) 49 Page - Microchip Technology

Part # MRF89XA
Description  Ultra Low-Power, Integrated ISM BandSub-GHz Transceiver
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF89XA Datasheet(HTML) 49 Page - Microchip Technology

Back Button MRF89XA Datasheet HTML 45Page - Microchip Technology MRF89XA Datasheet HTML 46Page - Microchip Technology MRF89XA Datasheet HTML 47Page - Microchip Technology MRF89XA Datasheet HTML 48Page - Microchip Technology MRF89XA Datasheet HTML 49Page - Microchip Technology MRF89XA Datasheet HTML 50Page - Microchip Technology MRF89XA Datasheet HTML 51Page - Microchip Technology MRF89XA Datasheet HTML 52Page - Microchip Technology MRF89XA Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 140 page
background image
 2010-2017 Microchip Technology Inc.
Preliminary
DS70000622D-page 49
MRF89XA
2.18
Transmitter Configuration Registers
2.18.1
TRANSMIT PARAMTER CONFIGURATION REGISTER DETAILS
REGISTER 2-27:
TXCONREG: TRANSMIT PARAMETER CONFIGURATION REGISTER
(ADDRESS:0x1A) (POR:0x7C)
R/W-0
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-0
r
TXIPOLFV<3:0>
TXOPVAL<2:0>
—
bit 7
bit 0
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
r = Reserved
bit 7-4
TXIPOLFV<3:0>: Transmission Interpolation Filter Cut Off Frequency Value bits
These bits control the cut-off frequency (fc) of the interpolation filter in the transmission path.
TXIPOLFV<3:0> = 0111  fc = 200 kHz (default)
Where,
TXIPOLFV <3:0> is the value in the register.
fc is the cut-off frequency.
fo is the local oscillator frequency (center frequency).
fxtal is the crystal oscillator frequency.
bit 3-1
TXOPVAL<2:0>: Transmit Output Power Value bits (1 step ≈ 3dB)
111 = -8 dBm
110 = -5 dBm
101 = -2 dBm
100 = 1 dBm
011 = 4 dBm
010 = 7 dBm
001 = 10 dBm (default)
000 = 13 dBm
bit 0
Reserved: Reserved bit; do not use
0 = Reserved (default)
fc
200 kHz
fxtalMHz
12.8MHz
-----------------------


 val TXIPOLFV
 1
+

8
---------------------------------------------------------


=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com