Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST11CP15 Datasheet(PDF) 1 Page - Microchip Technology

Part # SST11CP15
Description  4.9-5.9 GHz High-Linearity Power Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST11CP15 Datasheet(HTML) 1 Page - Microchip Technology

  SST11CP15 Datasheet HTML 1Page - Microchip Technology SST11CP15 Datasheet HTML 2Page - Microchip Technology SST11CP15 Datasheet HTML 3Page - Microchip Technology SST11CP15 Datasheet HTML 4Page - Microchip Technology SST11CP15 Datasheet HTML 5Page - Microchip Technology SST11CP15 Datasheet HTML 6Page - Microchip Technology SST11CP15 Datasheet HTML 7Page - Microchip Technology SST11CP15 Datasheet HTML 8Page - Microchip Technology SST11CP15 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
©2013 Silicon Storage Technology, Inc.
DS70005016C
08/13
Data Sheet
www.microchip.com
Features
• Small package size
– 12-contact UQFN (2mm x 2mm x 0.6mm max thick-
ness)
• Wide operating voltage range
–VCC = 3.0–5.0V
• High linear output power:
– 802.11a OFDM Spectrum mask compliance up to 23
dBm at 3V.
– Added EVM ~3% up to 20 dBm, typically at 5V VCC,
across 5.1-5.9 GHz for 54 Mbps 802.11a signal
• High power-added efficiency/low operating current
for 54 Mbps 802.11a applications
– ~11% @ POUT = 19 dBm for 54 Mbps, 3.3V VCC
• Gain:
– Typically 26 dB gain across broadband
4.9-5.9 GHz, 3.3V VCC
• Low idle current
– ~120 mA ICQ
• High speed power-up/-down
– Turn on/off time (10%~90%) <100 ns
• Low shut-down current (<1 µA)
• On-chip power detection
• 20 dB linear dynamic range
•50
 on-chip input match and simple output match
Applications
• WLAN (IEEE 802.11a/n)
• Japan WLAN
• HyperLAN2
• Multimedia
• WiMax
4.9-5.9 GHz High-Linearity Power Amplifier
SST11CP15
The SST11CP15 is a versatile power amplifier based on the highly-reliable InGaP/
GaAs HBT technology. Easily configured for high-linearity, high-efficiency applica-
tions with superb power-added efficiency while operating over the 4.9-5.9 GHz
frequency band. The SST11CP15 has excellent linearity while meeting 802.11a
spectrum mask at 23dBm. The SST11CP15 also features easy board-level usage
along with high-speed power-up/down control through a single combined refer-
ence voltage pin and is offered in a 12-contact UQFN package.


Similar Part No. - SST11CP15

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST11CP15 SST-SST11CP15 Datasheet
647Kb / 11P
4.9-5.8 GHz High-Linearity Power Amplifier
logo
Microchip Technology
SST11CP15E MICROCHIP-SST11CP15E Datasheet
174Kb / 17P
4.9-5.9 GHz High-Linearity Power Amplifier
2013 05/13
More results

Similar Description - SST11CP15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SZA-5044 ETC-SZA-5044 Datasheet
267Kb / 8P
4.9 - 5.9 GHz 5V Power Amplifier
logo
Silicon Storage Technol...
SST11LP11 SST-SST11LP11 Datasheet
482Kb / 14P
4.9-5.8 GHz High-Linearity Power Amplifier
SST11LP12 SST-SST11LP12 Datasheet
563Kb / 17P
4.9-5.8 GHz High-Linearity Power Amplifier
logo
SIRENZA MICRODEVICES
STA-6033 SIRENZA-STA-6033 Datasheet
203Kb / 8P
4.9 - 5.9 GHz 3.3V Power Amplifier
SZA-5044 SIRENZA-SZA-5044 Datasheet
210Kb / 7P
4.9 - 5.9 GHz 5V Power Amplifier
logo
Mimix Broadband
XP1044-QL MIMIX-XP1044-QL Datasheet
200Kb / 5P
4.9-5.9 GHz 3W Power Amplifier Module
logo
Silicon Storage Technol...
SST11LP12 SST-SST11LP12_10 Datasheet
532Kb / 12P
4.9-5.8 GHz High-Linearity Power Amplifier
SST11CP15 SST-SST11CP15 Datasheet
647Kb / 11P
4.9-5.8 GHz High-Linearity Power Amplifier
logo
Microchip Technology
SST11CP15E MICROCHIP-SST11CP15E Datasheet
174Kb / 17P
4.9-5.9 GHz High-Linearity Power Amplifier
2013 05/13
logo
List of Unclassifed Man...
AR1100-IMQ ETC2-AR1100-IMQ Datasheet
532Kb / 12P
4.9-5.8 GHz High-Linearity Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com