Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST12CP12 Datasheet(PDF) 11 Page - Microchip Technology

Part # SST12CP12
Description  2.4 GHz 256 QAM High-Power Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12CP12 Datasheet(HTML) 11 Page - Microchip Technology

Back Button SST12CP12 Datasheet HTML 7Page - Microchip Technology SST12CP12 Datasheet HTML 8Page - Microchip Technology SST12CP12 Datasheet HTML 9Page - Microchip Technology SST12CP12 Datasheet HTML 10Page - Microchip Technology SST12CP12 Datasheet HTML 11Page - Microchip Technology SST12CP12 Datasheet HTML 12Page - Microchip Technology SST12CP12 Datasheet HTML 13Page - Microchip Technology SST12CP12 Datasheet HTML 14Page - Microchip Technology SST12CP12 Datasheet HTML 15Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
 2013 Microchip Technology Inc.
DS70005124B-page 11
SST12CP12
7.0
PACKAGE INFORMATION
FIGURE 7-1:
16-CONTACT ULTRA-THIN QUAD FLAT NO-LEAD (UQFN)
PACKAGE CODE: QUC
Note: 1. Complies with JEDEC JEP95 MO-248D, variant UEED-4 except external paddle nominal dimensions.
2. From the bottom view, the pin #1 indicator may be either a 45-degree chamfer or a half-circle notch.
3. The external paddle is electrically connected to the die back-side and possibly to certain VSS leads.
This paddle can be soldered to the PC board; it is suggested to connect this paddle to the VSS of the unit.
Connection of this paddle to any other voltage potential can result in shorts and/or electrical malfunction of the device.
4. Untoleranced dimensions are nominal target dimensions.
5. All linear dimensions are in millimeters (max/min).
16-uqfn-3x3-QUC-0.0
1.7
0.5 BSC
See notes
2 and 3
Pin #1
0.30
0.18
0.075
1.7
0.15
0.05 Max
0.45
0.35
0.60
0.50
Pin #1
TOP VIEW
BOTTOM VIEW
SIDE VIEW
1mm
3.00
± 0.075
3.00
± 0.075
TABLE 7-1:
REVISION HISTORY
Revision
Description
Date
A
•
Initial release of data sheet
Apr 2013
B
•
Updated Table 4-2 on page 5
•
Revised Figure 6-5 on page 10
Sep 2013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com