Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MODEL89 Datasheet(PDF) 1 Page - TT Electronics.

Part # MODEL89
Description  MULTI-TURN TRIMMER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

MODEL89 Datasheet(HTML) 1 Page - TT Electronics.

  MODEL89 Datasheet HTML 1Page - TT Electronics. MODEL89 Datasheet HTML 2Page - TT Electronics. MODEL89 Datasheet HTML 3Page - TT Electronics. MODEL89 Datasheet HTML 4Page - TT Electronics. MODEL89 Datasheet HTML 5Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Multi-Turn Trimmer
Model 89 and 90
© TT electronics plc
Issue A
11/2016
Page 1
TT Electronics | BI Technologies
4200 Bonita Place, Fullerton, CA USA 92835-1053 |Ph: +1 714-447-2300
www.ttelectronics.com | sensors@ttelectronics.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Features:
1/4” square
Surface mount
Cermet
Electrical
Environmental
Mechanical


Similar Part No. - MODEL89

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MODEL802 VISHAY-MODEL802 Datasheet
228Kb / 4P
1 13/16inch (46 mm) Ten Turn Wirewound Upper Grade Precision Potentiometer
23-Mar-07
logo
TT Electronics.
MODEL82 TTELEC-MODEL82 Datasheet
816Kb / 4P
SINGLE TURN TRIMMER
MODEL82 TTELEC-MODEL82 Datasheet
996Kb / 4P
Single Turn Trimmer
Issue B 04/2019
MODEL82 TTELEC-MODEL82_V01 Datasheet
996Kb / 4P
Single Turn Trimmer
Issue B 04/2019
logo
Vishay Siliconix
MODEL830 VISHAY-MODEL830 Datasheet
228Kb / 4P
1 13/16inch (46 mm) Three Turn Wirewound Bushing Mount
23-Mar-07
More results

Similar Description - MODEL89

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M70Y104KB25 VISHAY-M70Y104KB25 Datasheet
92Kb / 4P
Rectangular Multi-Turn Cermet Trimmer
02-Oct-13
logo
TT Electronics.
MODEL43 TTELEC-MODEL43 Datasheet
617Kb / 3P
MULTI-TURN TRIMMER
MODEL64 TTELEC-MODEL64 Datasheet
806Kb / 4P
MULTI-TURN TRIMMER
MODEL66 TTELEC-MODEL66 Datasheet
893Kb / 4P
MULTI-TURN TRIMMER
MODEL68 TTELEC-MODEL68 Datasheet
875Kb / 4P
MULTI-TURN TRIMMER
MODEL78 TTELEC-MODEL78 Datasheet
833Kb / 4P
MULTI-TURN TRIMMER
MODEL84 TTELEC-MODEL84 Datasheet
813Kb / 3P
MULTI-TURN TRIMMER
logo
Vatronics Technologies ...
3006 VATRONICS-3006 Datasheet
66Kb / 2P
Rectangular Multi-Turn Trimmer Potentiometers
3266 VATRONICS-3266 Datasheet
129Kb / 3P
6mm Square Multi-Turn Trimmer Potentiometers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com