Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-BG4331M Datasheet(PDF) 1 Page - Yellow Stone Corp

Part # BL-BG4331M
Description  ULTRA BRIGHT LED LAMPS (ROUND TYPES)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YSTONE [Yellow Stone Corp]
Direct Link  http://www.ystone.com.tw
Logo YSTONE - Yellow Stone Corp

BL-BG4331M Datasheet(HTML) 1 Page - Yellow Stone Corp

  BL-BG4331M Datasheet HTML 1Page - Yellow Stone Corp BL-BG4331M Datasheet HTML 2Page - Yellow Stone Corp BL-BG4331M Datasheet HTML 3Page - Yellow Stone Corp BL-BG4331M Datasheet HTML 4Page - Yellow Stone Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Chip
Absolute Maximum
Ratings
Electro-optical
Data(At 20mA)
Vf
(V)
Iv
(mcd)
Package
Part No.
Material
Emitted
Color
Peak
Wave
Length
p(nm)
Lens
Appearance
(nm)
Pd
(mw)
If
(mA)
Peak
(mA) Typ. Max Typ.
Viewing
Angle
2 1/2
(deg)
Drawing
No.
BL-BS0331
GaAlAs/ SH Super Red
660
20
60
30
150 1.7 2.6 300
BL-BF0331
GaAlAs/ DDH Super Red
660
20
65
30
150 2.0 2.6 500
BL-BU0331
InGaAlP/ Ultra Red
645
20
65
30
150 2.0 2.6 400
BL-BG3331
InGaAlP/ Ultra Green
574
30
75
30
150 2.4 2.8 350
BL-BG4331
InGaN/SiC/ Ultra Green
502
30
110
30
100 3.5 4.0 600
BL-BJ0331
InGaAlP/ Ultra Orange
620
17
65
30
150 2.0 2.6 800
T-1
Standard
1.0" Lead
3
BL-BK3331
InGaAlP/ Ultra Yellow
592
Water Clear
15
65
30
150 2.0 2.6 900
30
L-001
BL-BD0341
GaAlAs/ DH Super Red
660
20
60
30
150 1.7 2.6 400
BL-BF1341
GaAlAs/ DDH Super Red
660
20
65
30
150 2.0 2.6 600
BL-BU1341
InGaAlP/ Ultra Red
645
20
65
30
150 2.0 2.6 500
BL-BG2341
InGaAlP/ Super Green
662
30
75
30
150 2.4 2.8 200
BL-BJ1341
InGaAlP/ Ultra Orange
620
17
65
30
150 2.0 2.6 1000
BL-BJ2341
InGaAlP/ Ultra Orange
620
17
65
30
150 2.0 2.6 1200
T-1
Standard
1.0" Lead
3
BL-BK4341
InGaAlP/ Ultra Yellow
587
Water Clear
15
75
30
150 2.4 2.8 1200
30
L-002
BL-BD0331M
GaAlAs/ DH Super Red
660
20
60
30
150 1.7 2.6 600
BL-BF4331M
GaAlAs/ DDH Super Red
660
20
65
30
150 2.0 2.6 1000
BL-BU2331M
InGaAlP/ Ultra Red
645
20
65
30
150 2.0 2.6 800
BL-BG4331M
InGaN/SiC/ Ultra Green
502
30
110
30
100 3.5 4.0 700
BL-BJ3331M
InGaAlP/ Ultra Orange
630
17
75
30
150 2.4 2.6 1200
BL-BJ5331M
InGaAlP/ Soft Orange
610
17
65
30
150 2.0 2.6 1200
T-1
Narrow
Viewing
1.0"
Lead
3
BL-BK6331M
InGaAlP/ Ultra Yellow
592
Water Clear
15
75
30
150 2.4 2.8 1400
15
L-003
BL-BS0331K
GaAlAs/ SH Super Red
660
20
60
30
150 1.7 2.6 250
BL-BD0331K
GaAlAs/ DH Super Red
660
20
60
30
150 1.7 2.6 300
BL-BF4331K
GaAlAs/ DDH Super Red
660
20
65
30
150 2.0 2.6 450
BL-BU0331K
InGaAlP/ Ultra Red
645
20
65
30
150 2.0 2.6 400
BL-BG3331K
InGaAlP/ Ultra Green
574
30
75
30
150 2.4 2.8 300
BL-BJ0331K
InGaAlP/ Ultra Orange
620
17
65
30
150 2.0 2.6 600
T-1 Low
Profile
1.0"
Lead
3
BL-BK331K
InGaAlP/ Ultra Yellow
592
Water Clear
15
65
30
150 2.0 2.6 700
32
L-004
BL-BD03J4
GaAlAs/ DH Super Red
660
20
60
30
150 1.7 2.6 550
BL-BG33J4
InGaAlP/ Ultra Green
574
30
75
30
150 2.4 2.8 800
BL-BG43J4
InGaN/SiC/ Ultra Green
502
30
110
30
100 3.5 4.0 1800
BL-BG63J4
InGaN/SiC/ Ultra Green
523
36
110
30
150 3.5 4.0 1300
BL-BK23J4
InGaAlP/ Ultra Yellow
587
15
65
30
150 2.0 2.6 2000
T-1 3/4
Standard
1.0"Lead
5
BL-BK33J4
InGaAlP/ Ultra Yellow
592
Water Clear
15
65
30
150 2.0 2.6 2200
12
L-005
BL-BD03J4G-1 GaAlAs/ DH Super Red
660
20
60
30
150 1.7 2.6 450
BL-BG43J4G-1 InGaN/SiC/ Ultra Green
502
30
110
30
100 3.5 4.0 1500
BL-BU13J4G-1 InGaAlP/ Ultra Red
645
20
65
30
150 2.0 2.6 550
BL-BJ13J4G-1
InGaAlP/ Ultra Orange
620
17
65
30
150 2.0 2.6 1800
BL-BK23J4G-1 InGaAlP/ Ultra Yellow
587
15
65
30
150 2.0 2.6 1800
BL-BK33J4G-1 InGaAlP/ Ultra Yellow
592
15
65
30
150 2.0 2.6 1800
20
T-1 3/4
Standard
1.0"Lead
5
BL-BF43R4G-1 GaAlAs/ DDH Super Red
660
Water Clear
20
65
30
150 2.0 2.6 1200
25
L-006
BL-BD03J7M
GaAlAs/ DDH Super Red
660
20
60
30
150 1.7 2.6 1500
BL-BF43R7M
GaAlAs/ DDH Super Red
660
20
65
30
150 2.0 2.6 4000
BL-BJ13J7M
InGaAlP/ Ultra Orange
620
17
65
30
150 2.0 2.6 3500
BL-BJ53J7M
InGaAlP/ Soft-Orange
610
17
65
30
150 2.0 2.6 4000
BL-BK33J7M
InGaAlP/ Ultra Yellow
592
15
65
30
150 2.0 2.6 4500
T-1 3/4
Narrow
Viewing
1.0"Lead
5
BL-BK63J7M
InGaAlP/ Ultra Yellow
592
Water Clear
17
65
30
150 2.0 2.6 7000
8
L-007
BL-WD03J4
GaAlAs/ DH Super Red
660
20
60
30
150 1.7 2.6 350
BL-WG33J4
InGaAlP/ Ultra Green
574
30
75
30
150 2.4 2.8 400
BL-WU13J4
InGaAlP/ Ultra Red
645
20
65
30
150 2.0 2.6 500
BL-WJ13J4
InGaAlP/ Ultra Orange
620
17
65
30
150 2.0 2.6 1700
4.3x5.1x
7.3mm
1.0"
Lead
Oval
BL-WK33J4
InGaAlP/ Ultra Yellow
592
Water Clear
15
65
30
150 2.0 2.6 1800
X-X
35
Y-Y
25
L-008
Remark
1.Hi-Eff Red / High-Efficiency Red.
2.Trans / Transparent.
3.2 1/2 The off-axis angle at which the luminous intensity is half the axial luminous intensity.
Yellow Stone corp.
www.ystone.com.tw
886-2-28221522 FAX:886-2-28202309 YELLOW STONE CORP. Specifications subject to change without notice.


Similar Part No. - BL-BG4331M

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-BG43J4 BRIGHT-BL-BG43J4 Datasheet
55Kb / 1P
LED GaAsP/GaP Green Low current requirement.
BL-BG43J4G-1 BRIGHT-BL-BG43J4G-1 Datasheet
123Kb / 3P
LED GaAsP/GaP Green Low current requirement.
BL-BG43V1 BRIGHT-BL-BG43V1 Datasheet
134Kb / 3P
LED AlInGaN Green Low current requirement.
BL-BG43V1M BRIGHT-BL-BG43V1M Datasheet
137Kb / 3P
LED AlInGaN Green Low current requirement.
BL-BG43V4V BRIGHT-BL-BG43V4V Datasheet
135Kb / 3P
LED AlInGaN Green Low current requirement.
More results

Similar Description - BL-BG4331M

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
BL-B2441 YSTONE-BL-B2441 Datasheet
1,003Kb / 2P
STANDARD LED LAMPS(ROUND TYPES)
BL-B1132 YSTONE-BL-B1132 Datasheet
513Kb / 2P
STANDARD LED LAMPS(ROUND TYPES)
BL-B1134M YSTONE-BL-B1134M Datasheet
500Kb / 2P
STANDARD LED LAMPS(ROUND TYPES)
BL-B4541 YSTONE-BL-B4541 Datasheet
459Kb / 6P
STANDARD LED LAMPS (ROUND TYPES)
BL-B5139 YSTONE-BL-B5139 Datasheet
203Kb / 2P
BIGGER SIZE LED LAMPS (ROUND TYPES)
BL-B5141-L YSTONE-BL-B5141-L Datasheet
183Kb / 2P
LOW-CURRENT LED LAMPS (ROUND TYPES)
BR-B51V1-05V YSTONE-BR-B51V1-05V Datasheet
67Kb / 1P
RESISTOR LED LAMPS (ROUND TYPES)
BB-B5171-C YSTONE-BB-B5171-C Datasheet
114Kb / 1P
BLINKING LED LAMPS(ROUND TYPES)
BL-B4541 YSTONE-BL-B4541 Datasheet
461Kb / 6P
STANDARD LED LAMPS (ROUND TYPES)
logo
Purdy Electronics Corpo...
AND157HYP PURDY-AND157HYP_15 Datasheet
194Kb / 2P
Ultra Bright LED Lamps
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com