Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSM2NB65 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSM2NB65
Description  Halogen-free according to IEC 61249-2-21
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM2NB65 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSM2NB65 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM2NB65 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM2NB65 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM2NB65 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM2NB65 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM2NB65 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM2NB65 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TSM2NB65 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TSM2NB65
Taiwan Semiconductor
1
Version:B1706
N-Channel Power MOSFET
650V, 2.0A, 5
Ω
FEATURES
● 100% UIS & R
g tested
● Pb-free plating
● Compliant to RoHS Directive 2011/65/EU and in
accordance to WEE 2002/96/EC
● Halogen-free according to IEC 61249-2-21
APPLICATION
● Power Supply
● AC/DC LED Lighting
KEY PERFORMANCE PARAMETERS
PARAMETER
VALUE
UNIT
VDS
650
V
RDS(on) (max)
5
Ω
Qg
13
nC
TO-251 (IPAK SL)
TO-252 (DPAK)
Notes: MSL 3 (Moisture Sensitivity Level) for TO-252 (D-PAK) per J-STD-020
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
650
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current
TC = 25°C
ID
2.0
A
TC = 100°C
1.4
Pulsed Drain Current
(Note 1)
IDM
8.0
A
Total Power Dissipation @ TC = 25°C
PDTOT
65
W
Single Pulsed Avalanche Energy
(Note 2)
EAS
25
mJ
Single Pulsed Avalanche Current
(Note 2)
IAS
1.6
A
Operating Junction and Storage Temperature Range
TJ, TSTG
- 55 to +150
°C
THERMAL PERFORMANCE
PARAMETER
SYMBOL
LIMIT
UNIT
Junction to Case Thermal Resistance
RӨJC
1.9
°C/W
Junction to Ambient Thermal Resistance
RӨJA
62.5
°C/W
Notes: RӨJA is the sum of the junction-to-case and case-to-ambient thermal resistances. The case thermal reference is defined
at the solder mounting surface of the drain pins. RӨJA is guaranteed by design while RӨCA is determined by the user’s board
design. RӨJA shown below for single device operation on FR-4 PCB in still air.


Similar Part No. - TSM2NB65

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM2NB60 TSC-TSM2NB60 Datasheet
376Kb / 10P
600V N-Channel Power MOSFET
TSM2NB60 TSC-TSM2NB60 Datasheet
378Kb / 10P
600V N-Channel Power MOSFET
TSM2NB60CHC5G TSC-TSM2NB60CHC5G Datasheet
376Kb / 10P
600V N-Channel Power MOSFET
TSM2NB60CHC5G TSC-TSM2NB60CHC5G Datasheet
378Kb / 10P
600V N-Channel Power MOSFET
TSM2NB60CIC0 TSC-TSM2NB60CIC0 Datasheet
376Kb / 10P
600V N-Channel Power MOSFET
More results

Similar Description - TSM2NB65

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTC3058 DINTEK-DTC3058 Datasheet
300Kb / 8P
Halogen-free According to IEC 61249-2-21
DTL2N60 DINTEK-DTL2N60 Datasheet
1Mb / 11P
Halogen-free According to IEC 61249-2-21
DTS2312 DINTEK-DTS2312 Datasheet
307Kb / 9P
Halogen-free According to IEC 61249-2-21
DTS3402 DINTEK-DTS3402 Datasheet
325Kb / 9P
Halogen-free According to IEC 61249-2-21
DTS4500 DINTEK-DTS4500 Datasheet
473Kb / 9P
Halogen-free According to IEC 61249-2-21
DTS6503 DINTEK-DTS6503 Datasheet
329Kb / 9P
Halogen-free According to IEC 61249-2-21
DTU2N60 DINTEK-DTU2N60 Datasheet
1Mb / 11P
Halogen-free According to IEC 61249-2-21
DTU15P10 DINTEK-DTU15P10 Datasheet
294Kb / 9P
Halogen-free According to IEC 61249-2-21
logo
Kersemi Electronic Co.,...
IRF530S KERSEMI-IRF530S Datasheet
916Kb / 8P
Halogen-free According to IEC 61249-2-21
logo
Taiwan Semiconductor Co...
TSM5NC50CP TSC-TSM5NC50CP Datasheet
312Kb / 6P
Halogen-free according to IEC 61249-2-21
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com