Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C12120 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C12120
Description  Brooke Reflector
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C12120 Datasheet(HTML) 1 Page - Ledil, Inc.

  C12120 Datasheet HTML 1Page - Ledil, Inc. C12120 Datasheet HTML 2Page - Ledil, Inc. C12120 Datasheet HTML 3Page - Ledil, Inc. C12120 Datasheet HTML 4Page - Ledil, Inc. C12120 Datasheet HTML 5Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT DATASHEET
Brooke series
last update 14/5/2014
DETAILS
Product Number
C12120_BROOKE-W
Family
Brooke
Type
Reflector
Color
metal
Diameter
45 mm
Height
20,1 mm
Style
round
Optic Material
PC
Holder Material
Fastening
socket
Status
production ready
ROHS Compliant
Yes
Date Updated
14/05/2014
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
CL-L330
42 deg
Wide
91 %
1.240
-
February 5th 2018 3:08 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - C12120

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C1212 GENERAL-C1212 Datasheet
74Kb / 1P
CONTROL CABLE
More results

Similar Description - C12120

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
F14738 CREE-F14738 Datasheet
1Mb / 17P
Brooke series
C12083 CREE-C12083 Datasheet
415Kb / 5P
Brooke series
C12084 CREE-C12084 Datasheet
414Kb / 5P
Brooke series
CN12351 CREE-CN12351 Datasheet
283Kb / 4P
Brooke series
logo
Ledil, Inc.
CA11182-BROOKE-M LEDIL-CA11182-BROOKE-M Datasheet
440Kb / 9P
Brooke series
CA11183-BROOKE-W LEDIL-CA11183-BROOKE-W Datasheet
217Kb / 4P
Brooke series
C12119 LEDIL-C12119 Datasheet
253Kb / 4P
Brooke Reflector
FN14836 LEDIL-FN14836 Datasheet
1Mb / 25P
Brooke RefPack
FN14838 LEDIL-FN14838 Datasheet
1Mb / 27P
Brooke RefPack
FN14883 LEDIL-FN14883 Datasheet
1Mb / 27P
Brooke RefPack
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com