Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATA5577C Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATA5577C
Description  Read/Write LF RFID IDIC 100 to 150kHz
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5577C Datasheet(HTML) 4 Page - ATMEL Corporation

  ATA5577C Datasheet HTML 1Page - ATMEL Corporation ATA5577C Datasheet HTML 2Page - ATMEL Corporation ATA5577C Datasheet HTML 3Page - ATMEL Corporation ATA5577C Datasheet HTML 4Page - ATMEL Corporation ATA5577C Datasheet HTML 5Page - ATMEL Corporation ATA5577C Datasheet HTML 6Page - ATMEL Corporation ATA5577C Datasheet HTML 7Page - ATMEL Corporation ATA5577C Datasheet HTML 8Page - ATMEL Corporation ATA5577C Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 47 page
background image
ATA5577C [DATASHEET]
9187H–RFID–07/14
4
4.
Atmel ATA5577C - Functional Blocks
Figure 4-1.
Block Diagram
4.1
Analog Front End (AFE)
The AFE includes all circuits that are directly connected to the coil terminals. It generates the IC's power supply and handles
the bi-directional data communication with the reader. It consists of the following blocks.
●
Rectifier to generate a DC supply voltage from the AC coil voltage
●
Clock extractor
●
Switchable load between Coil1 and Coil2 for data transmission from the tag to the reader
●
Field-gap detector for data transmission from the base station to the tag
●
ESD-protection circuitry
4.2
AFE Option Register
The option register maintains a readable shadow copy of the data held in the EEPROM block 3, page 1. This contains the
analog front end's level and threshold settings, as well as enhanced downlink protocol selection with which the device can be
fine tuned for perfect operation and all application environments. It is continually refreshed during read-mode operation and
(re)-loaded after every power-on reset (POR) event or reset command. By default, the option register is pre-programmed
according to Table 10-1 on page 39.
4.3
Data-rate Generator
The data rate is binary programmable to operate at any even-numbered data rate between RF/2 and RF/128, or to any of the
fixed, basic-mode data rates (RF/8, RF/16, RF/32, RF/40, RF/50, RF/64, RF/100 and RF/128).
4.4
Write Decoder
The write decoder detects the write gaps and verifies the validity of the data stream according to the Atmel® e555x downlink
protocol (pulse interval encoding).
Memory
(363-bit EEPROM)
Modulator
AFE option register
POR
Coil 2
Coil 1
Controller
Test logic
HV generator
Input register
Mode register
1) Mask option
1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com