Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT1616C Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT1616C
Description  Timer with Dialer Interface
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1616C Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT1616C Datasheet HTML 1Page - Holtek Semiconductor Inc HT1616C Datasheet HTML 2Page - Holtek Semiconductor Inc HT1616C Datasheet HTML 3Page - Holtek Semiconductor Inc HT1616C Datasheet HTML 4Page - Holtek Semiconductor Inc HT1616C Datasheet HTML 5Page - Holtek Semiconductor Inc HT1616C Datasheet HTML 6Page - Holtek Semiconductor Inc HT1616C Datasheet HTML 7Page - Holtek Semiconductor Inc HT1616C Datasheet HTML 8Page - Holtek Semiconductor Inc HT1616C Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Pad Description
Pad Name
I/O
Internal
Connection
Description
SEG1~SEG48
O
CMOS OUT
LCD segment signal output pads
COM1~COM3
O
CMOS OUT
LCD common signal output pads
HK
I
CMOS IN
Pull-high
Hook switch detector input
S1
I
CMOS IN
Pull-low
Clock setting switch
Hour or minute can be selected for S2 adjustment
RES
I
CMOS IN
Pull-high
System initialization pin, active low
The pull-high resistance is 200kW typ.
MODE
I
CMOS IN
Pull-low
4 or 5 bits pattern selection pad
VDD: 5 bits pattern
Floating: 4 bits pattern
12/24
I
CMOS IN
Pull-low
12-hour or 24-hour format option pad
VDD: 12-hour format
Floating: 24-hour format
S2
I
CMOS IN
Pull-low
Clock adjusting switch
Hour or minute digits can be adjusted depending upon the S1 selection
DI
I
CMOS IN
Pull-high
Serial data input pad
Data should be valid at the falling edge of SK (connected to the dialer)
SK
I
CMOS IN
Pull-high
Clock input pad (connected to the dialer), active low
Input data is latched at the falling edge of SK
T1
I
CMOS IN
Pull-high
Test pad (connected to VSS for production test)
T2
I
CMOS IN
Pull-high
Test pad (connected to VSS for production test)
X1
I
OSCILLATOR
32768Hz crystal oscillator input
X2
O
32768Hz crystal oscillator output
TIMER
I
CMOS IN
Pull-low
Timer reset-and-start/hold toggle control input pad
INT
O
NMOS OUT
Interrupt output, 16Hz (default) or 2Hz (by mask option)
VA
O
CMOS OUT
Voltage doubler, connected to the external capacitor
VB
O
CMOS OUT
Voltage doubler, connected to the external capacitor
VC
O
CMOS OUT
Voltage doubler, connected to the external capacitor
VDD
¾¾
Positive power supply
VSS
¾¾
Negative power supply, ground
Approximate internal connection circuits
HT1616C
Rev. 1.10
3
September 13, 2001
12pF
NM O S O UT
CM O S I N
Pu l l - l o w
CM O S I N
Pu l l - h i g h
OS C I L L A T OR
CM O S O UT
X1
X2
15pF
10M W
V DD
V DD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com