| Electronic Components Datasheet Search |
|
CEC1702 Datasheet(PDF) 25 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
CEC1702 Datasheet(HTML) 25 Page - Microchip Technology |
|
25 / 30 page ![]() Programming Steps For MikroE Tool 2017 Microchip Technology Inc. DS50002598A-page 25 4. Click on the “Detect MCU” button in Figure B-2: “mikroProg Suite for ARM Screen” to detect the device connected. 5. Click on “Options” button. Figure B-3: “Options Menu in mikroProg” would open up. 6. Under Interface “Hardware” section (top portion in Figure B-3: “Options Menu in mikroProg”), click on the drop down menu and select CEC. 7. Click the “Program EFUSE” button in Figure B-3: “Options Menu in mikro- Prog”, “Open” window would pop up as shown in Figure B-4: “Open Menu”. Please select the otp_efuse.hex file generated earlier using instructions in sec- tion 2.1.3 “Key Generation Steps” and click the open button. 8. The “Program EFUSE” button in Figure B-3: “Options Menu in mikroProg” turning green indicates a successful Efuse programming of CEC1702 Clicker board. 9. LD1 LED on the board will be ON. This LED indicates that programming of Efuse is in progress. Once the programming is complete, LD1 LED on the board will be OFF. 10. If error occurs during Efuse programming, LD1 and LD2 LED’s on the CEC1702 Clicker board start blinking. In this case the Efuse programming operation is ter- minated. 11. Once the programming is over, the color of “Program EFUSE” button will turn Green. FIGURE B-2: MIKROPROG SUITE FOR ARM SCREEN |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |