Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVB-USB4715 Datasheet(PDF) 21 Page - Microchip Technology

Part # EVB-USB4715
Description  EVB-USB4715 Evaluation Kit
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EVB-USB4715 Datasheet(HTML) 21 Page - Microchip Technology

Back Button EVB-USB4715 Datasheet HTML 17Page - Microchip Technology EVB-USB4715 Datasheet HTML 18Page - Microchip Technology EVB-USB4715 Datasheet HTML 19Page - Microchip Technology EVB-USB4715 Datasheet HTML 20Page - Microchip Technology EVB-USB4715 Datasheet HTML 21Page - Microchip Technology EVB-USB4715 Datasheet HTML 22Page - Microchip Technology EVB-USB4715 Datasheet HTML 23Page - Microchip Technology EVB-USB4715 Datasheet HTML 24Page - Microchip Technology EVB-USB4715 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
FIGURE A-1:
EVB-USB4715 SCHEMATIC (PAGE 1)
1
1
2
2
3
3
4
4
5
5
6
6
D
D
C
C
B
B
A
A
Page Title:
Project Name:
Table of Contents, Revision History, Block Diagram
Gadir EVB-USB4715
PN:
UNG_8080
Description:
Date:
Size:
Sheet
of
Rev
B1
7
B
6/20/2017
Designer:
J. Hunt
EVB-USB4715 Evaluation Board for USB4715 QFN-48
Designed with
Microchip Technology, Inc.
USB/Network Group - UNG
www.Microchip.com
Altium.com
All resistors are 1% unless specified otherwise
1
2
EVB-USB4715
Table of Contents
1
Description
Sheet
2
Table of Contents, Block Diagram
USB4715, Reset, Configuration
3
Memory
4
USB A and B Ports
5
USB C Ports
Notes
Revision History
Revision Summary
Revision
Date
Author
Initial release of design
1/27/2017
A
J. Hunt
Shunt jumper default selections are marked
with an asterisk [*].
6
Voltage Regulators
Audio Codec
7
Corrections of Rev. A errata. See Rev B0 Board Specification for list.
3/27/2017
B
J. Hunt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com