Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP16502 Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP16502
Description  Evaluation Board
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16502 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP16502 Datasheet HTML 3Page - Microchip Technology MCP16502 Datasheet HTML 4Page - Microchip Technology MCP16502 Datasheet HTML 5Page - Microchip Technology MCP16502 Datasheet HTML 6Page - Microchip Technology MCP16502 Datasheet HTML 7Page - Microchip Technology MCP16502 Datasheet HTML 8Page - Microchip Technology MCP16502 Datasheet HTML 9Page - Microchip Technology MCP16502 Datasheet HTML 10Page - Microchip Technology MCP16502 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
M
MCP1650/1/2/3 EVALUATION
BOARD USER’S GUIDE
 2004 Microchip Technology Inc.
DS51462A-page 3
Chapter 1. Product Overview
1.1
INTRODUCTION AND HIGHLIGHTS
This chapter provides an overview of the MCP1650 Boost Controller Evaluation Board
and covers the following topics:
• What the MCP1650 Boost Controller Evaluation Board Is
• What the MCP1650 Boost Controller Evaluation Board includes
1.2
WHAT THE MCP1650 BOOST CONTROLLER EVALUATION BOARD IS
The MCP1650 Boost Controller Evaluation Board is used to evaluate and demonstrate
Microchip Technology’s MCP1650/51/52/53 Boost Controller product family. This
board uses the MCP1650/51/52/53 in two high-power, boost-converter applications.
The first application features the MCP1651 (8-pin MSOP) with the low battery detect
feature. The input voltage for the MCP1651 application is 2.8V to 4.8V, with the output
boosted to 5V. The second application uses the MCP1653 (10-pin MSOP), which
features both the low battery detect and power good features. The input voltage for this
application is 3.3V, with the output boosted to 12V.
1.3
WHAT THE MCP1650 BOOST CONTROLLER EVALUATION BOARD
INCLUDES
This MCP1650 Boost Controller Evaluation Board Kit includes:
• The MCP1650 Boost Controller Evaluation Board
• The MCP1650 Boost Controller Evaluation Board User’s Guide
• The MCP1650/51/52/53 Data Sheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com