Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPC816 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TPC816
Description  200mW, 4 PIN DIP Phototransistor Photocoupler
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TPC816 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TPC816 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TPC816 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TPC816 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TPC816 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TPC816 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TPC816 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TPC816 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TPC816 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TPC816 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TPC816 SERIES
Taiwan Semiconductor
1
Version:B1612
200mW, 4 PIN DIP Phototransistor Photocoupler
FEATURES
● Current transfer ratio
(CTR: MIN.80% at IF=5mA, VCE=5V)
● High isolation voltage between input and output
(Viso=5000V rms)
● High collector-emitter voltage (VCEO:70V)
● Compliant to RoHS directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
● Halogen-free according to IEC 61249-2-21
APPLICATIONS
● Programmable controllers
● System appliances, measuring instruments
● Signal transmission between circuits of different potentials
and impedances
MECHANICAL DATA
● Case: DIP-4 , DIP-4M , SOP-4
● Molding compound: UL flammability classification
rating 94V-0
● Moisture sensitivity level: level 1, per J-STD-020
● Packing code with suffix "G" means green compound
(halogen-free)
● Terminal: Matte tin plated leads, solderable per J-STD-002
● Meet JESD 201 class 1A whisker test
● Polarity: Indicated by cathode band
KEY PARAMETERS
PARAMETER
VALUE
UNIT
CTR
80-600
%
VCEO
70
V
Ptot
200
mW
IC
50
mA
Viso
5000
Vrms
Package
DIP-4
DIP-4M
SOP-4
Configuration
Single Dice


Similar Part No. - TPC816

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8102 TOSHIBA-TPC8102 Datasheet
471Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (MOSVI)
logo
fujitsu semiconductor
TPC8102 FUJITSU-TPC8102 Datasheet
380Kb / 36P
2-ch DC/DC Converter IC
logo
Toshiba Semiconductor
TPC8103 TOSHIBA-TPC8103 Datasheet
292Kb / 5P
TRANSISTOR SILICON P CHANNEL MOS TYPE
logo
VBsemi Electronics Co.,...
TPC8103 VBSEMI-TPC8103 Datasheet
996Kb / 9P
P-Channel 30-V (D-S) MOSFET
logo
Toshiba Semiconductor
TPC8104-H TOSHIBA-TPC8104-H Datasheet
327Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (High Speed U-MOSII)
More results

Similar Description - TPC816

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EL816M EVERLIGHT-EL816M Datasheet
508Kb / 15P
4 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
2010-05-29
EL816MY EVERLIGHT-EL816MY Datasheet
1,018Kb / 15P
4 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
May 13, 2013
EL-817C EVERLIGHT-EL-817C Datasheet
722Kb / 14P
4 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
EL817MB EVERLIGHT-EL817MB Datasheet
722Kb / 14P
4 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
EL817MC EVERLIGHT-EL817MC Datasheet
722Kb / 14P
4 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
logo
Taiwan Semiconductor Co...
TPC817 TSC-TPC817 Datasheet
490Kb / 10P
200mW, 4 PIN DIP Phototransistor Photocoupler
logo
Everlight Electronics C...
EL617-G EVERLIGHT-EL617-G Datasheet
820Kb / 12P
4 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
EL816 EVERLIGHT-EL816_18 Datasheet
807Kb / 13P
4 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
EL817-G EVERLIGHT-EL817-G_16 Datasheet
857Kb / 13P
4 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
EL817-G EVERLIGHT-EL817-G_17 Datasheet
797Kb / 12P
4 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com