Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTS-3367KD Datasheet(PDF) 3 Page - Lite-On Technology Corporation

Part # LTS-3367KD
Description  LED Display
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTS-3367KD Datasheet(HTML) 3 Page - Lite-On Technology Corporation

  LTS-3367KD Datasheet HTML 1Page - Lite-On Technology Corporation LTS-3367KD Datasheet HTML 2Page - Lite-On Technology Corporation LTS-3367KD Datasheet HTML 3Page - Lite-On Technology Corporation LTS-3367KD Datasheet HTML 4Page - Lite-On Technology Corporation LTS-3367KD Datasheet HTML 5Page - Lite-On Technology Corporation LTS-3367KD Datasheet HTML 6Page - Lite-On Technology Corporation LTS-3367KD Datasheet HTML 7Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
PART NO.: LTS-3367KD
PAGE:
2 of 6
BNS-OD-C131/A4
FEATURES
*0.31 inch (8 mm ) DIGIT HEIGHT
*CONTINUOUS UNIFORM SEGMENTS
*LOW POWER REQUIREMENT
*EXCELLENT CHARACTERS APPEARANCE
*HIGH BRIGHTNESS & HIGH CONTRAST
*WIDE VIEWING ANGLE
*SOLID STATE RELIABILITY
*CATEGORIZED FOR LUMINOUS INTENSITY
*LEAD-FREE PACKAGE (ACCORDING TO ROHS).
DESCRIPTION
The LTS-3367KD is a 0.31 inch (8.0 mm) digit height single-digit
display. This device uses AS-AlInGaP HYPER RED LED chips
(AlInGaP epi on GaAs substrate). The display has black face and
white segments.
DEVICE
PART NO.
DESCRIPTION
AlInGaP HYPER RED
Common Cathode
Rt. Hand Decimal
LTS-3367KD



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com