Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPM401 Datasheet(PDF) 2 Page - All Sensors Corporation

Part # SPM401
Description  Piezoresistive Silicon Pressure Sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASC [All Sensors Corporation]
Direct Link  https://www.allsensors.com/
Logo ASC - All Sensors Corporation

SPM401 Datasheet(HTML) 2 Page - All Sensors Corporation

  SPM401 Datasheet HTML 1Page - All Sensors Corporation SPM401 Datasheet HTML 2Page - All Sensors Corporation SPM401 Datasheet HTML 3Page - All Sensors Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SPM-401
Piezoresistive silicon pressure sensor
Specifications
DS-0343 Rev A
Tel:
408.225.4314
www.allsensors.com
Fax: 408.225.2079
info@allsensors.com
Thermal errors
pn ≤ 5 psi
pn > 5psi
Thermal error offset 2)
[% FSO]
1.0
0.75
Thermal error span 2)
[% FSO]
1.0
0.75
0 to 70 °C (32 to 158 °F)
0 to 85 °C (32 to 185 °F)
Operating temperature ranges
Medium
-40 to 125 °C
(-40 to 257 °F)
Storage
-40 to 125 °C
(-40 to 257 °F)
Mechanical stability
Vibration
10 g RMS (20 to 2000 Hz)
Schock
100 g / 11 ms
Electrical connections
Standard
4 Solder pads pitch 2.54
Materials / Filling fluids
Housing
Stainless steel 316L (1.4404)
Diaphragm
Stainless steel 316L (1.4435)
Media wetted parts
Housing, diaphragm
Filling liquid
Silicone oil
Miscellaneous
Installation position
any 3)
Protection class
IP 00
Weight
Standard: approx. . 10 g
Sealing
O-Ring 15,5 x 1,5 (material: FKM)
Wiring diagram
Dimensions (in mm)
Standard
2)
error band within the compensated temperature range
3) The sensors are calibrated with the face down diaphragm. By changing the mounting position the offset can shift a little for pressure ranges pn≤15 psi.
Signal 
Supply -
Supply +
Signal +
V
Page 2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com