Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RN2409 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # RN2409
Description  TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

RN2409 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  RN2409 Datasheet HTML 1Page - Toshiba Semiconductor RN2409 Datasheet HTML 2Page - Toshiba Semiconductor RN2409 Datasheet HTML 3Page - Toshiba Semiconductor RN2409 Datasheet HTML 4Page - Toshiba Semiconductor RN2409 Datasheet HTML 5Page - Toshiba Semiconductor RN2409 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
RN2407~RN2409
2001-06-07
1
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process)
RN2407,RN2408,RN2409
Switching, Inverter Circuit, Interface Circuit
And Driver Circuit Applications
l With built-in bias resistors
l Simplify circuit design
l Reduce a quantity of parts and manufacturing process
l Complementary to RN1407~1409
Equivalent Circuit
Maximum Ratings (Ta = 25
°°°°C)
Characteristic
Symbol
Rating
Unit
Collector-base voltage
VCBO
−50
V
Collector-emitter voltage
RN2407~RN2409
VCEO
−50
V
RN2407
−6
RN2408
−7
Emitter-base voltage
RN2409
VEBO
−15
V
Collector current
IC
−100
mA
Collector power dissipation
PC
200
mW
Junction temperature
Tj
150
°C
Storage temperature range
RN2407~RN2409
Tstg
−5~150
°C
JEDEC
TO-236MOD
EIAJ
SC-59
TOSHIBA
2-3F1A
Weight: 0.012g
Unit: mm


Similar Part No. - RN2409

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN2401 TOSHIBA-RN2401 Datasheet
329Kb / 7P
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN2402 TOSHIBA-RN2402 Datasheet
329Kb / 7P
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN2403 TOSHIBA-RN2403 Datasheet
329Kb / 7P
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN2404 TOSHIBA-RN2404 Datasheet
329Kb / 7P
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN2405 TOSHIBA-RN2405 Datasheet
329Kb / 7P
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
More results

Similar Description - RN2409

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN4602 TOSHIBA-RN4602 Datasheet
329Kb / 5P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4607 TOSHIBA-RN4607 Datasheet
161Kb / 5P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4911 TOSHIBA-RN4911 Datasheet
177Kb / 6P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4605 TOSHIBA-RN4605 Datasheet
163Kb / 5P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4608 TOSHIBA-RN4608 Datasheet
157Kb / 5P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4603 TOSHIBA-RN4603 Datasheet
166Kb / 5P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN2967 TOSHIBA-RN2967 Datasheet
278Kb / 6P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process)
2SA1015-YTPE2 TOSHIBA-2SA1015-YTPE2 Datasheet
196Kb / 3P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT process)
2SA1162-Y TOSHIBA-2SA1162-Y Datasheet
178Kb / 3P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT process)
2SA1241-O TOSHIBA-2SA1241-O Datasheet
189Kb / 5P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT process)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com