| Electronic Components Datasheet Search |
|
PCF2113EU Datasheet(PDF) 23 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF2113EU Datasheet(HTML) 23 Page - NXP Semiconductors |
|
23 / 72 page ![]() 2001 Dec 19 23 Philips Semiconductors Product specification LCD controllers/drivers PCF2113x 8 INSTRUCTIONS Only two PCF2113x registers, the Instruction Register (IR) and the Data Register (DR) can be directly controlled by the microcontroller. Before internal operation, control information is stored temporarily in these registers, to allow interfacing to various types of microcontrollers which operate at different speeds or to allow interface to peripheral control ICs. The instruction set for I2C-bus commands is given in Table 4. The PCF2113x operation is controlled by the instructions shown in Table 5 together with their execution time. Details are explained in subsequent sections. Instructions are of 4 types, those that: 1. Designate PCF2113x functions such as display format, data length, etcetera. 2. Set internal RAM addresses 3. Perform data transfer with internal RAM 4. Others. In normal use, category 3 instructions are used most frequently. However, automatic incrementing by 1 (or decrementing by 1) of internal RAM addresses after each data write lessens the microcontroller program load. The display shift in particular can be performed concurrently with display data write, enabling the designer to develop systems in minimum time with maximum programming efficiency. During internal operation, no instructions other than the ‘read busy flag’ and ‘read address’ instructions will be executed. Because the busy flag is set to a logic 1 while an instruction is being executed, check to ensure it is a logic 0 before sending the next instruction or wait for the maximum instruction execution time, as given in Table 5. An instruction sent while the busy flag is logic 1 will not be executed. Table 4 Instruction set for I2C-bus commands Note 1. R/W is set together with the slave address. CONTROL BYTE COMMAND BYTE I2C-BUS COMMANDS Co RS 000000DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 note 1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |