Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF2113EU2 Datasheet(PDF) 51 Page - NXP Semiconductors

Part # PCF2113EU2
Description  LCD controllers/drivers
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2113EU2 Datasheet(HTML) 51 Page - NXP Semiconductors

Back Button PCF2113EU2 Datasheet HTML 47Page - NXP Semiconductors PCF2113EU2 Datasheet HTML 48Page - NXP Semiconductors PCF2113EU2 Datasheet HTML 49Page - NXP Semiconductors PCF2113EU2 Datasheet HTML 50Page - NXP Semiconductors PCF2113EU2 Datasheet HTML 51Page - NXP Semiconductors PCF2113EU2 Datasheet HTML 52Page - NXP Semiconductors PCF2113EU2 Datasheet HTML 53Page - NXP Semiconductors PCF2113EU2 Datasheet HTML 54Page - NXP Semiconductors PCF2113EU2 Datasheet HTML 55Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 72 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
Table 14 8-bit operation, 1-line display and icon example; using internal reset (character set ‘A’)
STEP
INSTRUCTION
DISPLAY
OPERATION
1
power supply on (PCF2113x is initialized by the internal
reset)
initialized; no display appears
2
function set
RS
R/W DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
sets to 8-bit operation, selects 1-line display and
VLCD =V0
0000110000
3
display mode on/off control
0000001110
_
turns on display and cursor; entire display is blank after
initialization
4
entry mode set
0000000110
_
sets mode to increment the address by 1 and to shift the
cursor to the right at the time of the write to the
DD/CGRAM; display is not shifted
5
set CGRAM address
0001000000
_
sets the CGRAM address to position of character 0;
the CGRAM is selected
6
‘write data’ to CGRAM/DDRAM
1000001010
_
writes data to CGRAM for icon even phase; icons appears
7|
|
8
set CGRAM address
0001110000
_
sets the CGRAM address to position of character 4;
the CGRAM is selected
9
‘write data’ to CGRAM/DDRAM
1000001010
_
writes data to CGRAM for icon odd phase
10
|
|
11
function set
0000110001
_
sets H = 1
12
icon control
0000001010
_
icons blink
13
function set
0000110001
_
sets H = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com