Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP03AB Datasheet(PDF) 1 Page - Toppower Electronic Technology Limited

Part # TP03AB
Description  3W,4W 3KVAC Isolation Wide Input AC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP03AB Datasheet(HTML) 1 Page - Toppower Electronic Technology Limited

  TP03AB Datasheet HTML 1Page - Toppower Electronic Technology Limited TP03AB Datasheet HTML 2Page - Toppower Electronic Technology Limited TP03AB Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TP03(04)AB Series
www.gztoppower.con
TEL:0086-20-82019000
Email:sales2@gztoppower.com
Page 1 /3
DESCRIPTION:
The rated output power of TP03(04)AB is 3W,4W with wide input voltage range, for both AC input and DC
input application.High reliability, precision, large power density, ultra-small size, no external heat sink
required, stable output voltage and etc, with over current protection, EMI filter circuit, the rectifier filter
circuit, 3000V isolation voltage, short circuit, overload, internal thermal protection, Widely used in industrial
control, telecommunications,instrument, data acquisition, signal control and other electronic systems.
3W,4W 3KVAC Isolation Wide Input AC/DC Converters
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified.
OUTPUT CHARACTERISTICS
parameter
conditions
Min
Typ
Max
Units
Output Voltage accuracy
±2
%
Line regulation
±0.2
%
Load regulation
±0.5
%
Protection
Over Voltage protection ,Over Current protection, Auto recovery
Ripple &Noise
20MHz bandwidth(peak - peak value)
50
100
mv
The transient response time
1000
μS
Temperature drift coefficient
±0.03
%/℃
FEATURES
Universal input voltage range
Both for AC and DC input voltage
Wide input voltage: 4:1
Low power consumption,Low No-load consumption
High switching frequency , High output density
Output over-load,Short circuit protection
Low Ripple &Noise
RoHS compliant
Operating temperature : -40℃ to 70℃
SELECTION GUIDE
Part Number
Input Voltage
Output
Efficiency (Typ. )
%
Voltage
Voltage (VDC)
Current(A)
Voltage (VAC)
Voltage(VDC)
TP03AB220S03W
85-265
120-370
3.3
0.60
64
TP03AB220S05W
85-265
120-370
5
0.60
68
TP03AB220S09W
85-265
120-370
9
0.33
70
TP03AB220S12W
85-265
120-370
12
0.25
72
TP03AB220S15W
90-264
120-370
15
0.20
76
TP04AB220S03W
90-264
120-370
3.3
0.80
64
TP04AB220S05W
90-264
120-370
5
0.80
68
TP04AB220S09W
90-264
120-370
9
0.44
70
TP04AB220S12W
90-264
120-370
12
0.33
74
TP04AB220S15W
90-264
120-370
15
0.266
76
INPUT CHARACTERISTICS
parameter
conditions
Min
Typ
Max
Units
Input Voltage Range
VDC
120
220
370
VDC
Input Voltage Range
VAC
85
220
265
VAC
Input Frequency
50
60
HZ
Input Current
115VAC
130
mA
Input Current
230VAC
80
mA
Inrush current
115VAC
10
A
Inrush current
230VAC
20
A
External fuse recommended value
1A/250V
hot swapping
Nonsupport
leak current
Full-Load
0.25mA
TOPPOWER


Similar Part No. - TP03AB

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP03AB220S03W TOPPOWER-TP03AB220S03W Datasheet
232Kb / 3P
3W,4W 3KVAC Isolation Wide Input AC/DC Converters
TP03AB220S05W TOPPOWER-TP03AB220S05W Datasheet
232Kb / 3P
3W,4W 3KVAC Isolation Wide Input AC/DC Converters
TP03AB220S09W TOPPOWER-TP03AB220S09W Datasheet
232Kb / 3P
3W,4W 3KVAC Isolation Wide Input AC/DC Converters
TP03AB220S12W TOPPOWER-TP03AB220S12W Datasheet
232Kb / 3P
3W,4W 3KVAC Isolation Wide Input AC/DC Converters
TP03AB220S15W TOPPOWER-TP03AB220S15W Datasheet
232Kb / 3P
3W,4W 3KVAC Isolation Wide Input AC/DC Converters
More results

Similar Description - TP03AB

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP03-04-AB TOPPOWER-TP03-04-AB Datasheet
232Kb / 3P
3W,4W 3KVAC Isolation Wide Input AC/DC Converters
TP03AC TOPPOWER-TP03AC_17 Datasheet
426Kb / 3P
3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AL TOPPOWER-TP03AL_17 Datasheet
525Kb / 3P
3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AA TOPPOWER-TP03AA_17 Datasheet
470Kb / 4P
3W 3KVAC Isolation Wide Input AC/DC Converters
TP04AC TOPPOWER-TP04AC Datasheet
712Kb / 3P
4W 3KVAC Isolation Wide Input AC/DC Converters
TP03AL220S03LSW TOPPOWER-TP03AL220S03LSW Datasheet
827Kb / 3P
3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AC TOPPOWER-TP03AC_19 Datasheet
718Kb / 3P
3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AL TOPPOWER-TP03AL_19 Datasheet
808Kb / 3P
3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AC TOPPOWER-TP03AC_V01 Datasheet
249Kb / 3P
3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AC TOPPOWER-TP03AC_V02 Datasheet
426Kb / 3P
3W 3KVAC Isolation Wide Input AC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com