Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP04AB220S09W Datasheet(PDF) 2 Page - Toppower Electronic Technology Limited

Part # TP04AB220S09W
Description  3W,4W 3KVAC Isolation Wide Input AC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP04AB220S09W Datasheet(HTML) 2 Page - Toppower Electronic Technology Limited

  TP04AB220S09W Datasheet HTML 1Page - Toppower Electronic Technology Limited TP04AB220S09W Datasheet HTML 2Page - Toppower Electronic Technology Limited TP04AB220S09W Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TP03(04)AB Series
www.gztoppower.con
TEL:0086-20-82019000
Email:sales2@gztoppower.com
Page 2 /3
TEMPERATURE CHARACTERISTICS
parameter
conditions
Min
Typ
Max
Units
Isolated voltage input - output
Test for 1 minute
3000
VAC
Operating temperature
According to the output load derating curve
-40
+70
℃
Storage temperature
-40
+85
℃
Storage humidity
10
95
% .RH max
SAFETY AND ELECTROMAGNETIC COMPATIBILITY
Safety standard
UL1012,EN60950,UL60950 compliant
Isolated Voltage
I/P-O/P:3000VAC 5mA 5secs
Isolated resistance
I/P-O/P>100MΩ/500VDC 25 70% RH
℃
Conduction and radiation
EN55011, EN55022 (CISPR22) compliant See the application note for details
Electrostatic discharge ( ESD)
IEC/EN 61000-4-2 level 4 8kV/15kV See the application note for details
Radiofrequency radiation immunity
(RF)
IEC/EN 61000-4-3
See the application note for details
Electrical fast transient (EFT)
IEC/EN 61000-4-4 level 4 4kV
See the application note for details
Surge
IEC/EN 61000-4-5 level 4 2kV/4kV
See the application note for details
Mean Time Between FailureMTBF
200K hrs min.
MIL-HDBK-217F(25)
NOTES
1、 The above data, except for special instructions, are measured at TA = 25oC, humidity <75%, input nominal voltage 230Vac and output rated load
2、 Power supply in the system is considered as a component, Need to be combined with the terminal equipment for electromagnetic compatibility related
confirmation
PRODUCT SCHEMATIC
EMI
FILTER
RECTIFIES
&
FILTER
POWER
SWITCHING
POWER
CONTROL
RECTIFIES
&
FILTER
DETECTION
CIRCUIT
AC(N)
AC(L)
+Vo
-Vo
DERATING CURVE
TYPICAL APPLICATION CIRCUIT
负
载
47μF
0.47μF
FUSE
Note: When the module is operating at each ambient temperature level, the enclosure temperature must not exceed the maximum shell temperature level.
TOPPOWER



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com