Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE4541 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4541
Description  SMA Male Hermetically Sealed Connector Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4541 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4541 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4541 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4541 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• SMA Male Connector
• MIL-STD-348
• 50 Ohms
• Straight Body Geometry
• Pin Interface Type
• Solder Attachment
• 4 Hole Flange
• 5/16 inch Hex
Features
• Gold Plated Contact
• Hermetically Sealed
• Contact plating according to MIL-G-45204
Applications
• General Purpose Test
• Rack and Panel Mount Applications
.
Description
Pasternack’s PE4541 SMA male hermetically sealed connector solder attachment 4 hole flange mount pin terminal, .340 inch
hole spacing is part of our full line of RF components available for same-day shipping. This SMA 4 hole flange connector
allows designers to create external connections on their product enclosures, and can be used in a variety of other rack mount
and panel mount applications.
Our SMA male 4 hole flange connector PE4541 datasheet specifications and drawing with dimensions are shown below in
this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable connector assemblies for you and ship same-day.
Mechanical Specifications
Size
Length
0.625 in [15.88 mm]
Width/Dia.
0.5 in [12.70 mm]
Height
0.5 in [12.7 mm]
.
Weight
0.011 lbs [4.99 g]
.
Mating Torque
8 to 10 in-lbs [0.90 to 1.13 Nm]
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male Hermetically Sealed Connector Solder Attachment 4 Hole Flange Mount Pin Termi-
nal, .340 inch Hole Spacing PE4541
PE4541 REV 1.1
SMA Male Hermetically Sealed Connector Solder Attachment
4 Hole Flange Mount Pin Terminal, .340 inch Hole Spacing
RF Connectors Technical Data Sheet
PE4541


Similar Part No. - PE4541

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4541 PASTERNACK-PE4541 Datasheet
296Kb / 3P
SMA Male Herrmetically Sealed Connector Solder Attachment 4 Hole Flange Pin Terminal, .340 inch Hole Spacing
More results

Similar Description - PE4541

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4531 PASTERNACK-PE4531 Datasheet
220Kb / 3P
SMA Male Bulkhead Hermetically Sealed Connector Solder Attachment Stub Terminal, .250 inch Diameter
PE4036 PASTERNACK-PE4036_17 Datasheet
467Kb / 5P
SMA Male Connector Solder Attachment
PE4037 PASTERNACK-PE4037_16 Datasheet
342Kb / 3P
SMA Male Connector Solder Attachment
PE4402 PASTERNACK-PE4402_16 Datasheet
351Kb / 3P
SMA Male Connector Solder Attachment
PE4487 PASTERNACK-PE4487_16 Datasheet
317Kb / 3P
N Female Hermetically Sealed Connector Solder Attachment
PE4528 PASTERNACK-PE4528_17 Datasheet
803Kb / 3P
SMA Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment
PE4530 PASTERNACK-PE4530_17 Datasheet
680Kb / 3P
SMA Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment
PE4531 PASTERNACK-PE4531_16 Datasheet
316Kb / 3P
SMA Male Bulkhead Mount Hermetically Sealed Connector Solder Attachment
PE4532 PASTERNACK-PE4532_16 Datasheet
344Kb / 3P
SMA Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment
PE4540 PASTERNACK-PE4540_16 Datasheet
323Kb / 3P
SMA Female Hermetically Sealed Connector Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com