Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE4544 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4544
Description  SMA Male Bulkhead Mount Connector Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4544 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4544 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4544 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4544 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• SMA Male Connector
• 50 Ohms
• Straight Body Geometry
• Solder Cup Interface Type
• Solder Attachment
• Bulkhead
• 5/16 inch Hex
Features
• Gold Plated Contact
Applications
• General Purpose Test
• Rack and Panel Mount Applications
.
Description
Pasternack’s PE4544 SMA male bulkhead connector with solder cup terminal (.350 inch D hole) is part of our full line of RF
components available for same-day shipping. This SMA bulkhead connector allows designers to create external connections
on their product enclosures, and can be used in a variety of other rack mount and panel mount applications.
Our SMA male bulkhead connector PE4544 datasheet specifications and drawing with dimensions are shown below in
this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable assemblies for you and ship same-day.
Mechanical Specifications
Size
Length
1.065 in [27.05 mm]
Width/Dia.
0.437 in [11.10 mm]
.
Weight
0.013 lbs [5.9 g]
.
Mating Torque
8 to 10 in-lbs [0.90 to 1.13 Nm]
Material Specifications
Description
Material
Plating
Contact
Gold
Body
Passivated Stainless Steel
Coupling Nut
Passivated Stainless Steel
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male Bulkhead Mount Connector Solder Attachment Solder Cup Terminal, .350 inch D
Hole PE4544
PE4544 REV 1.1
SMA Male Bulkhead Mount Connector Solder
Attachment Solder Cup Terminal, .350 inch D Hole
RF Connectors Technical Data Sheet
PE4544


Similar Part No. - PE4544

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4544 PASTERNACK-PE4544 Datasheet
207Kb / 2P
SMA Male Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
More results

Similar Description - PE4544

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4032 PASTERNACK-PE4032_16 Datasheet
385Kb / 3P
SMA Female Bulkhead Mount Connector Clamp/Solder Attachment
PE4119 PASTERNACK-PE4119_17 Datasheet
385Kb / 3P
SMA Female Bulkhead Mount Connector Solder Attachment
PE4120 PASTERNACK-PE4120_16 Datasheet
378Kb / 3P
SMA Female Bulkhead Mount Connector Solder Attachment
PE4354 PASTERNACK-PE4354_16 Datasheet
348Kb / 3P
SMA Male Bulkhead Mount Connector Solder Attachment
PE4489 PASTERNACK-PE4489_16 Datasheet
348Kb / 3P
N Male Bulkhead Mount Connector Solder Attachment
PE4490 PASTERNACK-PE4490_16 Datasheet
317Kb / 3P
N Male Bulkhead Mount Connector Solder Attachment
PE4524 PASTERNACK-PE4524_16 Datasheet
351Kb / 3P
SMA Female Bulkhead Mount Connector Solder Attachment
PE4529 PASTERNACK-PE4529_16 Datasheet
319Kb / 3P
SMA Female Bulkhead Mount Connector Solder Attachment
PE4531 PASTERNACK-PE4531_16 Datasheet
316Kb / 3P
SMA Male Bulkhead Mount Hermetically Sealed Connector Solder Attachment
PE4536 PASTERNACK-PE4536_16 Datasheet
346Kb / 3P
SMA Female Bulkhead Mount Connector Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com