Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC-02-20JS Datasheet(PDF) 3 Page - Kemet Corporation

Part # SC-02-20JS
Description  SC Coils, SC-JS Terminal Base Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

SC-02-20JS Datasheet(HTML) 3 Page - Kemet Corporation

  SC-02-20JS Datasheet HTML 1Page - Kemet Corporation SC-02-20JS Datasheet HTML 2Page - Kemet Corporation SC-02-20JS Datasheet HTML 3Page - Kemet Corporation SC-02-20JS Datasheet HTML 4Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
LF0009_SC-JS • 3/28/2017
AC Line Filters – SC Coils, SC-JS Terminal Base Type
Specifications
Frequency Characteristics
AC Line Filters
18
Common mode
SC Coils – Terminal Base Type
SC-JS Type
[RoHS Compliant]
• Rated voltage: 250VAC/VDC
• Withstanding voltage: AC 2400V (2 sec between lines)
• Insulation resistance: at 500VDC, more than 100M (between lines, from line to tube) • Thermal class: A (105˚C)
• Operating temperature range (˚C):-25 to T (T=105-temperature rise)
• Inductance measurement condition:1kHz, 0.3mA, KC547
Shape and Dimensions
[mm]
Model
DC resistance
(m /line)
max.
Temperature
rise(K)
max.
Inductance
(mH)
min.
Weight
approx.
(g)
Rated
current
(A)
Wire size
(mmø)
26 max.
(10)
(10)
Frequency characteristic
SC Coils – Terminal Base Type
SC-JS Type
[RoHS Compliant]
SC-02-15JS
120
0.5
2
1.5
8.5
40
SC-02-10JS
100
0.5
2
1.0
8.0
40
SC-02-20JS
120
0.5
2
2.0
9.0
40
SC-03-08JS
60
0.6
3
0.8
9.0
40
SC-03-10JS
80
0.6
3
1.0
9.0
40
1M
100K
10K
1K
100
1
Frequency (Hz)
1K
10K
100K
1M
10M 30M
3
6
1
3
6
1
3
6
1
3
6
1
1
3
6
1
3
6
3
6
1
3
61
3
6
1
3
61
3
10
1
333
SC-02-20JS
SC-03-10JS
SC-02-15JS
SC-03-08JS
SC-02-20JS
SC-03-10JS
SC-02-15JS
SC-03-08JS
SC-03-10JS
SC-02-10JS
Notes on Use
Shelf Life
• Usewithin6months.Iftheproductisusedafterastorageperiodof6monthsorlonger,confirmitssolderability
beforeuse.
Storage Condition
• Avoidstorageinhightemperatureandhighhumidityenvironment,assuchconditionmaydeterioratethesolderability
of external electrode.
• Avoid storage in atmosphere containing toxic gases or acid (e.g., sulphur and chlorine), as such gas may deteriorate
thesolderabilityofexternalelectrode.
• Avoidstoragenearstrongmagneticfield,assuchconditionmaymagnetizetheproduct.
Item
SC-JS
Rated Voltage
250 VAC/VDC
Withstanding Voltage
2,400VAC(2seconds,betweenlines)
Insulation Resistance
>100MΩat500VDC(betweenlines,fromlinetotube)
Thermal Class
A (105°C)
Operating Temperature Range
−25°CtoT(T=105–temperaturerise)
Inductance Measurement Condition
1 kHz, 0.3 mA, KC547



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com