Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC-03-08JS Datasheet(PDF) 1 Page - Kemet Corporation

Part # SC-03-08JS
Description  SC Coils, SC-JS Terminal Base Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

SC-03-08JS Datasheet(HTML) 1 Page - Kemet Corporation

  SC-03-08JS Datasheet HTML 1Page - Kemet Corporation SC-03-08JS Datasheet HTML 2Page - Kemet Corporation SC-03-08JS Datasheet HTML 3Page - Kemet Corporation SC-03-08JS Datasheet HTML 4Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
LF0009_SC-JS • 3/28/2017
One world. One KEMET
Benefits
• Widevarietyofsizesandspecifications
• Inductances up to 2.0 mH
• Rated Currents up to 3 A
• DCResistancesaslowas60mΩ
Overview
The KEMET SC Coils, SC-JS Terminal Base Type AC
linefiltersareofferedinawidevarietyofsizesand
specifications.
Applications
• Consumer Electronics
• Common mode choke
AC Line Filters
SC Coils, SC-JS Terminal Base Type
Part Number System
SC-
02-
20
JS
Series
Rated Current (A)
Minimum Inductance (mH)
Terminal Base Type
SC-
0x- = x A (e.g., 02- = 2 A)
x0 = x mH (e.g., 20 = 2 mH)
xx = x.x mH (e.g., 15 = 1.5 mH)
0x = 0.x mH (e.g., 08 = 0.8 mH)
JS
AC Line Filters
18
Common mode
SC Coils – Terminal Base Type
SC-JS Type
[RoHS Compliant]
• Rated voltage: 250VAC/VDC
• Withstanding voltage: AC 2400V (2 sec between lines)
• Insulation resistance: at 500VDC, more than 100M (between lines, from line to tube) • Thermal class: A (105˚C)
• Operating temperature range (˚C):-25 to T (T=105-temperature rise)
• Inductance measurement condition:1kHz, 0.3mA, KC547
Shape and Dimensions
[mm]
Model
DC resistance
(m /line)
max.
Temperature
rise(K)
max.
Inductance
(mH)
min.
Weight
approx.
(g)
Rated
current
(A)
Wire size
(mmø)
26 max.
(10)
(10)
Frequency characteristic
SC Coils – Terminal Base Type
SC-JS Type
[RoHS Compliant]
SC-02-15JS
120
0.5
2
1.5
8.5
40
SC-02-10JS
100
0.5
2
1.0
8.0
40
SC-02-20JS
120
0.5
2
2.0
9.0
40
SC-03-08JS
60
0.6
3
0.8
9.0
40
SC-03-10JS
80
0.6
3
1.0
9.0
40
1M
100K
10K
1K
100
1
Frequency (Hz)
1K
10K
100K
1M
10M 30M
3
6
1
3
6
1
3
6
1
3
6
1
1
3
6
1
3
6
3
6
1
3
61
3
6
1
3
61
3
10
1
333
SC-02-20JS
SC-03-10JS
SC-02-15JS
SC-03-08JS
SC-02-20JS
SC-03-10JS
SC-02-15JS
SC-03-08JS
SC-03-10JS
SC-02-10JS


Similar Part No. - SC-03-08JS

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SC-03-04JS KEMET-SC-03-04JS Datasheet
63Kb / 1P
KEMET, SC-JS, AC Line Filters, Common Mode, 450 uH
logo
LEM
SC-03-05GS LEM-SC-03-05GS Datasheet
442Kb / 5P
SC Coils, SC-G/GS Small Type
logo
Kemet Corporation
SC-03-05GS KEMET-SC-03-05GS Datasheet
442Kb / 5P
SC Coils, SC-G/GS Small Type
SC-03-05GS KEMET-SC-03-05GS Datasheet
509Kb / 9P
Common Mode SC Coils, SC-G/GS Series, Small Type
logo
LEM
SC-03-06G LEM-SC-03-06G Datasheet
442Kb / 5P
SC Coils, SC-G/GS Small Type
More results

Similar Description - SC-03-08JS

ManufacturerPart #DatasheetDescription
logo
LEM
SC-01-E150G LEM-SC-01-E150G Datasheet
442Kb / 5P
SC Coils, SC-G/GS Small Type
logo
Kemet Corporation
SC-01-E150G KEMET-SC-01-E150G Datasheet
442Kb / 5P
SC Coils, SC-G/GS Small Type
SC-10-20J KEMET-SC-10-20J Datasheet
412Kb / 5P
SC Coils, SC-J Terminal Base Type
SC-10-200 KEMET-SC-10-200 Datasheet
477Kb / 6P
SC Coils, Standard Type
SC-02-30GJ KEMET-SC-02-30GJ Datasheet
398Kb / 5P
SC Coils, SC-GJ Terminal Base Type
SC-03-10JS KEMET-SC-03-10JS Datasheet
59Kb / 1P
Choke, SC-JS, 1000 uH
SC-02-300JV KEMET-SC-02-300JV Datasheet
307Kb / 4P
SC Coils, SC-JV Terminal Base Type
SC-10-20JH KEMET-SC-10-20JH Datasheet
367Kb / 4P
SC Coils, SC-JH Terminal Base Type
SC-10-D050 KEMET-SC-10-D050 Datasheet
423Kb / 4P
SC Coils, SC-D High Frequency Type
SC-02-10J KEMET-SC-02-10J_V01 Datasheet
1Mb / 20P
Common Mode SC Coils, SC-J Series, Terminal Base Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com