Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS24H-R10170-CH Datasheet(PDF) 2 Page - Kemet Corporation

Part # SS24H-R10170-CH
Description  SS Coils, SS24V/H-CH Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

SS24H-R10170-CH Datasheet(HTML) 2 Page - Kemet Corporation

  SS24H-R10170-CH Datasheet HTML 1Page - Kemet Corporation SS24H-R10170-CH Datasheet HTML 2Page - Kemet Corporation SS24H-R10170-CH Datasheet HTML 3Page - Kemet Corporation SS24H-R10170-CH Datasheet HTML 4Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
LF0029_SS24V/H-CH • 3/28/2017
AC Line Filters – SS Coils, SS24V/H-CH Type
Dimensions – Millimeters
SS24V-CH
26 Maximum
13±0.5
19 Maximum
10±0.5
13
ø0.8
ø0.8
26 Maximum
21±0.5
26 Maximum
15±0.5
21
Environmental Compliance
All KEMET AC Line Filters are RoHS Compliant.
RoHS Compliant
Table 1 – Ratings & Part Number Reference
(1) To complete KEMET part number, insert V for vertical core type or H for horizontal core type.
SS24H-CH
26 Maximum
13±0.5
19 Maximum
10±0.5
13
ø0.8
ø0.8
26 Maximum
21±0.5
26 Maximum
15±0.5
21
Part Number
Rated Current
AC (A)
Inductance
(mH)
Minimum
DC Resistance/
Line (Ω)
Maximum
Temperature
Rise (K)
Maximum
Weight (g) Approximate
V
H
SS24(1)-05350-CH
0.5
35
1.75
45
18.8
17.1
SS24(1)-08150-CH
0.8
15
0.75
50
18.8
17.1
SS24(1)-10100-CH
1.0
10
0.55
45
18.6
16.9
SS24(1)-15045-CH
1.5
4.5
0.24
45
19.0
17.3
SS24(1)-20025-CH
2.0
2.5
0.17
50
18.3
16.6
SS24(1)-K05570-CH
0.5
57
1.75
45
18.8
17.1
SS24(1)-K08240-CH
0.8
24
0.75
50
18.8
17.1
SS24(1)-K10165-CH
1.0
16.5
0.55
45
18.6
16.9
SS24(1)-K15070-CH
1.5
7.0
0.24
45
19.0
17.3
SS24(1)-K20040-CH
2.0
4.0
0.17
50
18.3
16.6
SS24(1)-R05600-CH
0.5
60
1.75
45
18.8
17.1
SS24(1)-R08250-CH
0.8
25
0.75
50
18.8
17.1
SS24(1)-R10170-CH
1.0
17
0.55
45
18.6
16.9
SS24(1)-R15080-CH
1.5
8.0
0.24
45
19.0
17.3
SS24(1)-R20045-CH
2.0
4.5
0.17
50
18.3
16.6



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com