Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS6422-CS Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS6422-CS
Description  Enhanced Full-Duplex Speakerphone IC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS6422-CS Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS6422-CS Datasheet HTML 2Page - Cirrus Logic CS6422-CS Datasheet HTML 3Page - Cirrus Logic CS6422-CS Datasheet HTML 4Page - Cirrus Logic CS6422-CS Datasheet HTML 5Page - Cirrus Logic CS6422-CS Datasheet HTML 6Page - Cirrus Logic CS6422-CS Datasheet HTML 7Page - Cirrus Logic CS6422-CS Datasheet HTML 8Page - Cirrus Logic CS6422-CS Datasheet HTML 9Page - Cirrus Logic CS6422-CS Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
CS6422
6
ANALOG TRANSMISSION CHARACTERISTICS (T
A = 25°C, DVDD = AVDD = 5 V, f XTAL =
20.480 MHz, RVol=TVol=RGain=TGain= 0 dB, HDD=TSD=RSD=1, analog inputs and outputs loaded with
resistors and capacitors as shown in the typical connection diagram, Figure 4)
MICROPHONE AMPLIFIER (T
A = 25°C, DVDD = AVDD = 5 V, fXTAL = 20.480 MHz)
DIGITAL CHARACTERISTICS (T
A = 25°C, DVDD = AVDD = 5 V,fXTAL = 20.480 MHz)
Parameter
Symbol
Min
Typ
Max
Units
Idle Channel Noise
C-Message weighted (0-4 kHz)
(Inputs grounded
C-Message weighted (0-4 kHz)
through a capacitor)
Psophometrically weighted (0-4 kHz)
-80
11
-78
-73
dBV
dBrnC0
dBm0p
Signal-to-Noise Ratio
C-Message weighted (0-4 kHz)
(1.0 Vrms, 1 kHz sine wave input)
SNR
73
80
dB
Total Harmonic Distortion
C-Message weighted (0-4 kHz)
(1.0 Vrms, 1 kHz sine wave input)
THD
0.030
0.1
%
Programmable Analog Gain
RGain/TGain = 00
RGain/TGain = 01
RGain/TGain = 10
RGain/TGain = 11
0
6
9.5
12
dB
Volume Control Stepsize (TVol/RVol)
3
dB
ADC Full-scale Voltage Input
0.9
1.0
Vrms
DAC Full-scale Voltage Output
1.0
1.2
Vrms
ADC Noise Floor
C-Message weighted (0-4 kHz)
-83
dBV
DAC Noise Floor, DAC muted C-Message weighted (0-4 kHz)
-83
dBV
Parameter
Symbol
Min
Typ
Max
Units
Gain (Zsource = 50Ω)Amic
34
dB
Signal-to-Noise Ratio
C-Message weighted (0-4 kHz)
SNRm
70
dB
Input Impedance
Zinm
8k
Ω
Input Offset Voltage
Voffm
2.12
V
Parameter
Symbol
Min
Typ
Max
Units
High-Level Input Voltage
VIH
DVDD-1.0
V
Low-Level Input Voltage
VIL
1.0
V
Input Leakage Current
Ileak
10
µA
Input Capacitance
CIN
5pF
CS6422
6
DS295F1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com