Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LWETSG Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LWETSG
Description  Automotive Lighting Interior and Exterior
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LWETSG Datasheet(HTML) 1 Page - OSRAM GmbH

  LWETSG Datasheet HTML 1Page - OSRAM GmbH LWETSG Datasheet HTML 2Page - OSRAM GmbH LWETSG Datasheet HTML 3Page - OSRAM GmbH LWETSG Datasheet HTML 4Page - OSRAM GmbH LWETSG Datasheet HTML 5Page - OSRAM GmbH LWETSG Datasheet HTML 6Page - OSRAM GmbH LWETSG Datasheet HTML 7Page - OSRAM GmbH LWETSG Datasheet HTML 8Page - OSRAM GmbH LWETSG Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
2015-04-30
1
2015-04-30
Power TOPLED
Datasheet
Version 1.1
LW ETSG
PowerTOPLED, a powerful member of the TOPLED
family. Thanks to their high luminous efficacy, the
LEDs are ideal for rear light clusters and indicators on
vehicles and for display panels for traffic control
systems.
PowerTOPLED, ein leistungsstarkes Mitglied der
TOPLED Familie. Dank der hohen Lichtausbeute
eignen sie sich ideal für Heckleuchten und Indikatoren
an Fahrzeugen und für Display-Panels in
Verkehrsleitsysteme.
Features:
Besondere Merkmale:
Package: white PLCC-4 package, colored
diffused silicone resin
Gehäusetyp: weisses PLCC-4 Gehäuse, farbiger
diffuser Silikon-Verguss
Technology: ThinGaN
Technologie: ThinGaN
Viewing angle at 50 % I
V: 120° (Lambertian
Emitter)
Abstrahlwinkel bei 50 % I
V: 120° (Lambertscher
Strahler)
Color: Cx = 0.33, Cy = 0.33 acc. to CIE 1931
(white)
Farbe: Cx = 0.33, Cy = 0.33 nach CIE 1931 (weiß)
Corrosion Robustness: Improved corrosion
robustness
Korrosionsstabilität: Verbesserte
Korrosionsstabilität
Applications
Anwendungen
Automotive Lighting Interior and Exterior
Automobilbeleuchtung innen und außen
Industrial illumination
Industrie-Beleuchtung
Signal and Symbol Luminary
Signal- und Symbolleuchten
Reading Lamps
Leselampen


Similar Part No. - LWETSG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LWE2010S PHILIPS-LWE2010S Datasheet
74Kb / 12P
NPN microwave power transistor
1997 Feb 19
LWE2015R PHILIPS-LWE2015R Datasheet
62Kb / 12P
NPN microwave power transistor
1997 Feb 19
logo
OSRAM GmbH
LWE67C OSRAM-LWE67C Datasheet
177Kb / 15P
Power TOPLED Hyper-Bright LED
LWE67C-T1U1-1 OSRAM-LWE67C-T1U1-1 Datasheet
177Kb / 15P
Power TOPLED Hyper-Bright LED
LWE67C-T1V2-5K8L-1 OSRAM-LWE67C-T1V2-5K8L-1 Datasheet
614Kb / 22P
Automotive Lighting Interior and Exterior
More results

Similar Description - LWETSG

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LRW5SM-HZJZ-1-1 OSRAM-LRW5SM-HZJZ-1-1 Datasheet
611Kb / 21P
Automotive Lighting Interior and Exterior
LOT67F OSRAM-LOT67F Datasheet
493Kb / 20P
Automotive Lighting Interior and Exterior
LRE6SF OSRAM-LRE6SF Datasheet
493Kb / 21P
Automotive Lighting Interior and Exterior
LSE63F OSRAM-LSE63F Datasheet
378Kb / 22P
Automotive Lighting Interior and Exterior
LUWW5SM OSRAM-LUWW5SM Datasheet
717Kb / 22P
Automotive Lighting Interior and Exterior
LWW5SM OSRAM-LWW5SM Datasheet
732Kb / 23P
Automotive Lighting Interior and Exterior
LYETSF OSRAM-LYETSF Datasheet
614Kb / 21P
Automotive Lighting Interior and Exterior
LYT67F OSRAM-LYT67F Datasheet
494Kb / 20P
Automotive Lighting Interior and Exterior
LWE6SG OSRAM-LWE6SG Datasheet
477Kb / 23P
Automotive Lighting Interior and Exterior
LWE67C OSRAM-LWE67C_15 Datasheet
614Kb / 22P
Automotive Lighting Interior and Exterior
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com