Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LWT673 Datasheet(PDF) 14 Page - OSRAM GmbH

Part # LWT673
Description  Automotive Interior Lighting
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LWT673 Datasheet(HTML) 14 Page - OSRAM GmbH

Back Button LWT673_13 Datasheet HTML 10Page - OSRAM GmbH LWT673_13 Datasheet HTML 11Page - OSRAM GmbH LWT673_13 Datasheet HTML 12Page - OSRAM GmbH LWT673_13 Datasheet HTML 13Page - OSRAM GmbH LWT673_13 Datasheet HTML 14Page - OSRAM GmbH LWT673_13 Datasheet HTML 15Page - OSRAM GmbH LWT673_13 Datasheet HTML 16Page - OSRAM GmbH LWT673_13 Datasheet HTML 17Page - OSRAM GmbH LWT673_13 Datasheet HTML 18Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
2013-08-20
14
Version 2.0
LW T673 specified at 2mA
Recommended Solder Pad 9) page 22
Reflow soldering
Empfohlenes Lötpaddesign 9) Seite 22
Reflow-Löten
Recommended Solder Pad 9) page 22
Reflow soldering
Empfohlenes Lötpaddesign 9) Seite 22
Reflow-Löten
Reflow Soldering / Reflow Löten
OHLPY970
2.6 (0.102)
Cu-area > 16 mm
Cu-Fläche > 16 mm
2
2
Solder resist
Lötstopplack
2.6 (0.102)
Padgeometrie für
improved heat dissipation
verbesserte Wärmeableitung
Paddesign for
OHLPY440
Padgeometrie für
verbesserte Wärmeableitung
improved heat dissipation
Paddesign for
Lötstoplack
Solder resist
0.8 (0.031)
2.3 (0.091)
3.3 (0.130)
Cu Fläche /
16 mm per pad
2
Cu-area
_
<
3.3 (0.130)
Kathode/
Cathode
Anode
0.7 (0.028)
Fläche darf bei Verwendung von TOPLED
®
For TOPLED
® assembly do not use
elektrisch nicht beschaltet werden.
this area for electrical contact
Fläche darf bei Verwendung von TOPLED
®
For TOPLED
® assembly do not use
elektrisch nicht beschaltet werden.
this area for electrical contact



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com