Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CUP36-13 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CUP36-13
Description  AC/DC Desktop
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CUP36-13 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CUP36-13 Datasheet HTML 1Page - List of Unclassifed Manufacturers CUP36-13 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Mechanical Details
Output
Maximum
Output
Models
Vnom
Imin
Imax
Tol.*
Power
CUP36-10
5V
0A
4.0A
-5%,+7%
20W
CUP36-11
9V
0A
3.0A
5%
27W
CUP36-12
12V
0A
2.5A
5%
30W
CUP36-12-1
13.5V
0A
2.4A
4%
32W
CUP36-13
15V
0A
2.4A
4%
36W
CUP36-13-1
18V
0A
2.0A
4%
36W
CUP36-14
24V
0A
1.5A
4%
36W
CUP36-18
48V
0A
0.75A
4%
36W
NOTES:
1. Dimensions shown in inches (mm).
2. Tolerance 0.02 (0.5) max.
3. Output connector is 5.5 mm dia. outer barrel,
inner dia. is 2.5 mm with center + and outer shell - polarity.
4. Optional output connectors available.
5. Output cable is 48” (1219).
6. Weight: 6 ounces, 170 grams approx.
PH: 508 429.9883
FAX: 800 226.2100
Email: sales@xp-iq.com
Holliston, MA 01746 USA
www.XP-iQ.com
OUTPUT VOLTAGE & CURRENT RATINGS
CUP 36
* Total regulation includes initial tolerance, line regulation and load regulation.
Note
CUP36
12/4/02
4:35 pm
Page 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com