Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE3C0102-48 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3C0102-48
Description  SMA Male to N Male With Times ConnectorsCable 48 Inch Length Using LMR-240 Coax
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C0102-48 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3C0102-48 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C0102-48 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C0102-48 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
1
SMA Male to N Male With Times Connectors Cable 48 Inch Length Using LMR-240 Coax
Configuration
Connector 1
SMA Male
Connector 1 Specification
MIL-STD-348
Connector 2
N Male
Connector 2 Specification
MIL-STD-348
Cable Type
LMR-240
Impedance, Ohms
50
Mechanical Specifications
Cable Assembly
Cable Type
LMR-240
Temperature
Temperature Operating Range, deg C
-40 to +85
Temperature Storage Range, deg C
-70 to +85
Size
Length, in [cm]
48 [121.92]
Diameter, in [mm]
0.91 [23.11]
.
Weight, lbs [g]
0.108 [48.99]
Cable Color
Black
One Time Minimum Bend Radius, in [mm]
0.75 [19.05]
Repeated Minimum Bend Radius, in [mm]
2.5 [63.5]
Cable
No of Shields
2
Dielectric Type
PE (F)
Jacket Material
PE
Jacket Diameter, in [mm]
0.24 [6.1]
Connector 1
Type
SMA Male
Configuration
Straight
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
MIL-G-45204
Coupling Nut Material and Plating
Brass, Nickel
Coupling Nut Plating Specification
QQ-N-290
Hex Size, Inch
5/16
Torque, in-lbs [Nm]
5 [0.57]
Body Material and Plating
Brass, Nickel
Body Plating Specification
QQ-N-290
Dielectric Type
Teflon
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male to N Male With Times Connectors Cable 48 Inch Length Using LMR-240 Coax
PE3C0102-48
PE3C0102-48 REV
PE3C0102-48
SMA Male to N Male With Times Connectors
Cable 48 Inch Length Using LMR-240 Coax


Similar Part No. - PE3C0102-48

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C0102-12 PASTERNACK-PE3C0102-12 Datasheet
330Kb / 3P
SMA Male to N Male With Times ConnectorsCable 12 Inch Length Using LMR-240 Coax
PE3C0102-24 PASTERNACK-PE3C0102-24 Datasheet
330Kb / 3P
SMA Male to N Male With Times ConnectorsCable 24 Inch Length Using LMR-240 Coax
PE3C0102-36 PASTERNACK-PE3C0102-36 Datasheet
330Kb / 3P
SMA Male to N Male With Times ConnectorsCable 36 Inch Length Using LMR-240 Coax
PE3C0102-60 PASTERNACK-PE3C0102-60 Datasheet
330Kb / 3P
SMA Male to N Male With Times ConnectorsCable 60 Inch Length Using LMR-240 Coax
More results

Similar Description - PE3C0102-48

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C0102-12 PASTERNACK-PE3C0102-12 Datasheet
330Kb / 3P
SMA Male to N Male With Times ConnectorsCable 12 Inch Length Using LMR-240 Coax
PE3C0102-24 PASTERNACK-PE3C0102-24 Datasheet
330Kb / 3P
SMA Male to N Male With Times ConnectorsCable 24 Inch Length Using LMR-240 Coax
PE3C0102-36 PASTERNACK-PE3C0102-36 Datasheet
330Kb / 3P
SMA Male to N Male With Times ConnectorsCable 36 Inch Length Using LMR-240 Coax
PE3C0102-60 PASTERNACK-PE3C0102-60 Datasheet
330Kb / 3P
SMA Male to N Male With Times ConnectorsCable 60 Inch Length Using LMR-240 Coax
PE3C0103-36 PASTERNACK-PE3C0103-36 Datasheet
330Kb / 3P
SMA Male to SMA Male With Times ConnectorsCable 36 Inch Length Using LMR-240 Coax
PE3C0103-48 PASTERNACK-PE3C0103-48 Datasheet
330Kb / 3P
SMA Male to SMA Male With Times ConnectorsCable 48 Inch Length Using LMR-240 Coax
PE3C0103-60 PASTERNACK-PE3C0103-60 Datasheet
330Kb / 3P
SMA Male to SMA Male With Times ConnectorsCable 60 Inch Length Using LMR-240 Coax
PE3C0104-48 PASTERNACK-PE3C0104-48 Datasheet
330Kb / 3P
SMA Male to SMA Male Right Angle With Times ConnectorsCable 48 Inch Length Using LMR-240 Coax
PE3C0113-48 PASTERNACK-PE3C0113-48 Datasheet
322Kb / 3P
SMA Male to SMA Male With Times ConnectorsCable 48 Inch Length Using LMR-100 Coax
PE3C0121-48 PASTERNACK-PE3C0121-48 Datasheet
323Kb / 3P
SMA Male to N Male With Times ConnectorsCable 48 Inch Length Using LMR-195 Coax
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com