Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAMA5D2 Datasheet(PDF) 40 Page - ATMEL Corporation

Part # SAMA5D2
Description  SAMA5D2 Xplained Ultra Evaluation Kit
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAMA5D2 Datasheet(HTML) 40 Page - ATMEL Corporation

Back Button SAMA5D2 Datasheet HTML 36Page - ATMEL Corporation SAMA5D2 Datasheet HTML 37Page - ATMEL Corporation SAMA5D2 Datasheet HTML 38Page - ATMEL Corporation SAMA5D2 Datasheet HTML 39Page - ATMEL Corporation SAMA5D2 Datasheet HTML 40Page - ATMEL Corporation SAMA5D2 Datasheet HTML 41Page - ATMEL Corporation SAMA5D2 Datasheet HTML 42Page - ATMEL Corporation SAMA5D2 Datasheet HTML 43Page - ATMEL Corporation SAMA5D2 Datasheet HTML 44Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 74 page
background image
40
SAMA5D2 Xplained Ultra [USER GUIDE]
Atmel-44028C-ATARM-SAMA5D2-Xplained-Ultra-User Guide_13-Oct-16
5.4.12.2 Serial Console Port
The SAMA5D2-XULT board has a dedicated serial port for debugging, which is accessible through the 6-pin male
header J1. Various interfaces can be used as USB/Serial DBGU port bridge, such as FTDI TTL-232R USB to TTL
serial cable or basic breakout board for the RS232/USB converter.
Figure 5-39.
Debug Com Port for Console
A jumper (JP2) is available to disable the Debug communication interface.
R341 and R342 are optional (not implemented) resistors that can be used for power selection. Power can be
delivered either by the SAMA5D2-XULT board or by the debug interface tool. To avoid malfunction between the
debug interface (e.g., FTDI) and the on-board power system, ensure that the voltage level selected corresponds to
application requirements.
WARNING
With SAMA5D2-XULT (ES) ROM code, the default baud rate on the Serial Console
port is 57600.
DBGU_DIS
DBGU_RXD
DBGU_OE
DBGU_CTS
DBGU_TXD
DBGU_RXD
DBGU_RTS
DBGU_TXD
DBGU_OE
DBGU_CTS
DBGU_OE
DBGU_RTS
VSYS_5V
VDD_3V3
VDD_3V3
VDD_3V3
VDD_3V3
DBGU_UTXD1_PD3
[8,14]
DBGU_URXD1_PD2
[8,14]
C177
100nF
JPR2
Jumper
VCC
GND
U20
NL17SZ126DFT2G
1
2
3
4
5
C170
100nF
R336
DNP(0R)
R340
10K
R344
DNP(0R)
VCC
GND
U21
NL17SZ126DFT2G
1
2
3
4
5
TP27 SMD
JP2
Header 1X2
TP28 SMD
J1
Header 1X6
1
2
3
4
5
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com