Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG2037 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DG2037
Description  Low-Voltage, Low rON, Dual SPST Analog Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2037 Datasheet(HTML) 4 Page - Vishay Siliconix

  DG2037 Datasheet HTML 1Page - Vishay Siliconix DG2037 Datasheet HTML 2Page - Vishay Siliconix DG2037 Datasheet HTML 3Page - Vishay Siliconix DG2037 Datasheet HTML 4Page - Vishay Siliconix DG2037 Datasheet HTML 5Page - Vishay Siliconix DG2037 Datasheet HTML 6Page - Vishay Siliconix DG2037 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DG2037/2038/2039
Vishay Siliconix
New Product
www.vishay.com
4
Document Number: 72359
S-31642—Rev. A, 01-Aug-03
SPECIFICATIONS (V+ = 5.0 V)
Test Conditions
Otherwise Unless Specified
Limits
- 40 to 85
_C
Parameter
Symbol
V+ = 5 V,
"10%, VIN = 0.8 or 2.4 Ve
Tempa
Minb
Typc
Maxb
Unit
Analog Switch
Analog Signal Ranged
VNO, VNC,
VCOM
Full
0
V+
V
On-Resistance
rON
V+ = 4.5 V, VCOM = 2.5 V, INO, INC = 10 mA
Room
Full
2.5
1.6
5
6
rON Flatnessd
rON
Flatness
V+ = 4.5 V, VCOM = 2.5 to V+, INO, INC = 10 mA
Room
0.4
W
rON Matchd
rON Match
V+ = 4.5 V, ID = 10 mA, VCOM = 2.5 V
Room
0.2
Switch Off Leakage Currentf
INO(off),
INC(off)
V+ = 5.5 V
Room
Full
-1
-10
1
10
Switch Off Leakage Currentf
ICOM(off)
V+ = 5.5 V
VNO, VNC = 1 V/4.5 V, VCOM = 4.5 V/1 V
Room
Full
-1
10
1
10
nA
Channel-On Leakage Currentf
ICOM(on)
V+ = 5.5 V
VNO, VNC = VCOM = 1 V/4.5 V
Room
Full
-1
-10
1
10
Digital Control
Input High Voltage
VINH
Full
2.4
V
Input Low Voltage
VINL
Full
0.8
V
Input Capacitance
Cin
f = 1 MHz
Full
8
pF
Input Current
IINL or IINH
VIN = 0 or V+
Full
-1
1
mA
Dynamic Characteristics
Turn-On Timed
tON
VNO or VNC = 3 V, RL = 300 W, CL = 35 pF
Room
Full
19
30
35
ns
Turn-Off Timed
tOFF
VNO or VNC = 3 V, RL = 300 W, CL = 35 pF
Figure 1 and 2
Room
Full
12
22
30
ns
Charge Injectiond
QINJ
CL = 1 nF, VGEN = 0 V, RGEN = 0 W, Figure 3
Room
1
pC
Off-Isolationd
OIRR
RL = 50 W CL = 5 pF f = 1 MHz
Room
-61
dB
Crosstalkd
XTALK
RL = 50 W, CL = 5 pF, f = 1 MHz
Room
-67
dB
Source-Off Capacitanced
CNC/NO(off)
Room
15
Drain-Off Capacitanced
CCOM(off)
VIN = 0 or V+, f = 1 MHz
Room
17
pF
Channel-On Capacitanced
CON
IN
Room
35
p
Power Supply
Power Supply Range
V+
4.5
5.5
V
Power Supply Current
I+
VIN = 0 or V+
0.02
1.0
mA
Power Consumption
PC
VIN = 0 or V+
5.5
mW
Notes:
a.
Room = 25
°C, Full = as determined by the operating suffix.
b.
The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
c.
Typical values are for design aid only, not guaranteed nor subject to production testing.
d.
Guarantee by design, nor subjected to production test.
e.
VIN = input voltage to perform proper function.
f.
Not production tested.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com