Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLG7NT4100V Datasheet(PDF) 1 Page - Dialog Semiconductor

Part # SLG7NT4100V
Description  VR Enable and Discharge
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG7NT4100V Datasheet(HTML) 1 Page - Dialog Semiconductor

  SLG7NT4100V Datasheet HTML 1Page - Dialog Semiconductor SLG7NT4100V Datasheet HTML 2Page - Dialog Semiconductor SLG7NT4100V Datasheet HTML 3Page - Dialog Semiconductor SLG7NT4100V Datasheet HTML 4Page - Dialog Semiconductor SLG7NT4100V Datasheet HTML 5Page - Dialog Semiconductor SLG7NT4100V Datasheet HTML 6Page - Dialog Semiconductor SLG7NT4100V Datasheet HTML 7Page - Dialog Semiconductor SLG7NT4100V Datasheet HTML 8Page - Dialog Semiconductor SLG7NT4100V Datasheet HTML 9Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
VR Enable and Discharge
SLG7NT4100
Silego Technology, Inc.
Rev 1.01
SLG7NT4100_DB_r101
Revised December 11, 2012
SLG7NT4100_GP_r002
General Description
Silego SLG7NT4100 is a low power and small form
device. The SoC is housed in a 2.5mm x 2.5mm
TDFN package which is optimal for using with small
devices.
Features
• Low Power Consumption
• 3.3V Supply Voltage
• RoHS Compliant / Halogen-Free
• Pb-Free TDFN-12 Package
Pin Configuration
1
2
3
4
12
11
10
9
VDD
VR1_EN1_IN
VR1_EN2_IN
VR1_EN3_IN
VR2_EN_OUT
VR2_DISCH
VR2_EN3_IN
VR2_EN2_IN
TDFN-12
TOP VIEW
Thermal Pad
connected to GND
5
6
8
7
VR1_EN_OUT
VR1_DISCH
VR2_EN1_IN
GND
Output Summary
•2 Outputs – Open Drain 2X current
•2 Outputs – Push Pull


Similar Part No. - SLG7NT4100V

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG7NT41021 DIALOG-SLG7NT41021 Datasheet
218Kb / 8P
DDR Sequencer and FET Driver
SLG7NT41021V DIALOG-SLG7NT41021V Datasheet
218Kb / 8P
DDR Sequencer and FET Driver
logo
Renesas Technology Corp
SLG7NT41021V RENESAS-SLG7NT41021V Datasheet
390Kb / 8P
DDR Sequencer and FET Driver
February 25, 2022
logo
Dialog Semiconductor
SLG7NT41021VTR DIALOG-SLG7NT41021VTR Datasheet
218Kb / 8P
DDR Sequencer and FET Driver
logo
Renesas Technology Corp
SLG7NT41021VTR RENESAS-SLG7NT41021VTR Datasheet
390Kb / 8P
DDR Sequencer and FET Driver
February 25, 2022
More results

Similar Description - SLG7NT4100V

ManufacturerPart #DatasheetDescription
logo
Winbond
W51300 WINBOND-W51300 Datasheet
183Kb / 12P
FLASH VR CONTROLLER
logo
Shindengen Electric Mfg...
2SK1861 SHINDENGEN-2SK1861 Datasheet
411Kb / 10P
VR Series Power MOSFET
logo
RICOH electronics devic...
R5210X RICOH-R5210X Datasheet
143Kb / 13P
Step-down DC/DC Converter with VR and Reset
R5212D RICOH-R5212D Datasheet
796Kb / 26P
Step-down DC/DC Converter with VR and Reset
logo
Orister Corporation
RS7212 ORISTER-RS7212 Datasheet
1Mb / 16P
300mA CMOS LDO Linear Regulator with Enable and Fast Discharge Function
RS7213 ORISTER-RS7213 Datasheet
544Kb / 9P
300mA High Speed, Low Noise LDO with Fast Enable and Fast Discharge Function
logo
E-CMOS Corporation
EC49121 E-CMOS-EC49121 Datasheet
794Kb / 13P
600mA LDO with Fast Enable And Fast Discharge Function
EC49513A E-CMOS-EC49513A Datasheet
1Mb / 24P
300mA Linear Regulator with Enable And Fast Discharge Function
logo
Shenzhen Huazhimei Semi...
HM5817 HMSEMI-HM5817 Datasheet
356Kb / 6P
0.38A charge 0.8A discharge belt enable control power supply SOC
logo
Infineon Technologies A...
TDA21242 INFINEON-TDA21242 Datasheet
1Mb / 23P
Desktop and Server VR buck-converter
2.1 2017-03-07
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com