Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56166 Datasheet(PDF) 2 Page - Motorola, Inc

Part # DSP56166
Description  16-bit General Purpose Digital Signal Processor
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56166 Datasheet(HTML) 2 Page - Motorola, Inc

  DSP56166 Datasheet HTML 1Page - Motorola, Inc DSP56166 Datasheet HTML 2Page - Motorola, Inc DSP56166 Datasheet HTML 3Page - Motorola, Inc DSP56166 Datasheet HTML 4Page - Motorola, Inc DSP56166 Datasheet HTML 5Page - Motorola, Inc DSP56166 Datasheet HTML 6Page - Motorola, Inc DSP56166 Datasheet HTML 7Page - Motorola, Inc DSP56166 Datasheet HTML 8Page - Motorola, Inc DSP56166 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 63 page
background image
Figure 1 DSP56166 Block Diagram
XDB
PDB
GDB
4
7+10
ADDRESS
PROGRAM CONTROL UNIT
MODA/IRQA
MODB/IRQB
ON-CHIP
PERIPHERALS
HOST, RSSI0,
RSSI1, TIMER
GPI/O, CODEC
INTERNAL DATA
BUS SWITCH
AND BIT
MANIPULATION
UNIT
EXTERNAL
ADDRESS
BUS
SWITCH
BUS
CONTROL
EXTERNAL
DATA BUS
SWITCH
BOOTSTRAP
ROM
64x16
PROGRAM
RAM
2Kx16
DATA
RAM
4Kx16
PROGRAM
ADDRESS
GENERATOR
PROGRAM
DECODE
CONTROLLER
PROGRAM
INTERRUPT
CONTROLLER
DATA ALU
16x16+40 - 40-BIT MAC
TWO 40-BIT ACCUMULATORS
CLOCK
AND PLL
EXTAL
PORT B
OR
HOST
15
CODEC,
PORT C
AND/OR
RSSI0,
RSSI1,
TIMER
RESET
16 BITS
DATA
10
OnCE
SXFC
CLKO
XAB1
XAB2
PAB
ADDRESS
GENERATION
UNIT
16
16
MODC/IRQC
In the USA:
For technical assistance call:
DSP Applications Helpline (512) 891-3230
For availability and literature call your local Motorola Sales Office or Authorized Distributor.
For free application software and information call the Dr. BuB electronic bulletin board:
9600/4800/2400/1200/300 baud
(512) 891-3771
(8 data bits, no parity, 1 stop)
In Europe, Japan and Asia Pacific
Contact your regional sales office or Motorola distributor.
Note: For the ROM part only (DSP56166ROM) — Since the on-chip XROM is only connected to the XAB1 address
bus, the data located in this ROM is only accessible by the first read of a single read instruction or the first read
of a dual parallel read instruction. Therefore, during development using the RAM based part, the data to be
mapped in the on-chip XROM on the ROM based part should not be accessed with a second read during a
dual parallel read instruction.
2
DSP56166 Technical Data Sheet
MOTOROLA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com