Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCC0807100MZF Datasheet(PDF) 1 Page - Superworld Electronics

Part # RCC0807100MZF
Description  RADIAL CHOKE COIL
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

RCC0807100MZF Datasheet(HTML) 1 Page - Superworld Electronics

  RCC0807100MZF_16 Datasheet HTML 1Page - Superworld Electronics RCC0807100MZF_16 Datasheet HTML 2Page - Superworld Electronics RCC0807100MZF_16 Datasheet HTML 3Page - Superworld Electronics RCC0807100MZF_16 Datasheet HTML 4Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
(a)
(c)
(b)
(e)
(d)
1. PART NO. EXPRESSION :
2. CONFIGURATION & DIMENSIONS :
15.00±3.0
A
B
C
4. MATERIALS :
SUPERWORLD ELECTRONICS (S) PTE LTD
3. SCHEMATIC :
5. GENERAL SPECIFICATION :
PG. 1
NOTE : Specifications subject to change without notice. Please check our website for latest information.
5.00±0.5
F
0.65±0.10
7.80±0.5
Unit:m/m
a
b
c
RADIAL CHOKE COIL
A
C
B
7.50 Max.
WØ
R C C 0 8 0 7 1 0 1 M Z F
(e) X, Y, Z : Standard part
(c) Inductance code : 101 = 100uH
(a) Series code
(b) Dimension code
(f) F : Lead Free
(d) Tolerance code : K = ±10%, M = ±20%
(f)
d
RCC0807 SERIES
15.09.2016
MARKING
INDUCTANCE CODE
(a) CORE
(b) WIRE
(c) LEAD
b) TEMP. RISE : 40°C MAX. AT RATED CURRENT
a) THE INDUCTANCE DROP AT RATED IS 10% MAX.
(d) INK
c) STORAGE TEMP.:-40°C TO 125°C
d) OPERATING TEMP.:-40°C TO 85°C


Similar Part No. - RCC0807100MZF_16

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
RCC0807100MZF SUPERWORLD-RCC0807100MZF Datasheet
375Kb / 4P
RADIAL CHOKE COIL
More results

Similar Description - RCC0807100MZF_16

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
RCB0810 SUPERWORLD-RCB0810 Datasheet
601Kb / 4P
RADIAL CHOKE COIL
RCB0812 SUPERWORLD-RCB0812 Datasheet
597Kb / 4P
RADIAL CHOKE COIL
RCB1620 SUPERWORLD-RCB1620 Datasheet
596Kb / 4P
RADIAL CHOKE COIL
RCB1823 SUPERWORLD-RCB1823 Datasheet
596Kb / 4P
RADIAL CHOKE COIL
RCB2023 SUPERWORLD-RCB2023 Datasheet
596Kb / 4P
RADIAL CHOKE COIL
RCC0605 SUPERWORLD-RCC0605 Datasheet
373Kb / 4P
RADIAL CHOKE COIL
RCC0606 SUPERWORLD-RCC0606 Datasheet
354Kb / 4P
RADIAL CHOKE COIL
RCC0807 SUPERWORLD-RCC0807 Datasheet
375Kb / 4P
RADIAL CHOKE COIL
RCS1010 SUPERWORLD-RCS1010 Datasheet
455Kb / 4P
RADIAL CHOKE COIL
RCB0710470KZF SUPERWORLD-RCB0710470KZF_16 Datasheet
914Kb / 4P
RADIAL CHOKE COIL
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com