Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JCS640H Datasheet(PDF) 4 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # JCS640H
Description  N- CHANNEL MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

JCS640H Datasheet(HTML) 4 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  JCS640H Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS640H Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS640H Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS640H Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS640H Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS640H Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS640H Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS640H Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS640H Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
R
JCS640H
版本:201510B
4/12
电特性 ELECTRICAL CHARACTERISTICS
热特性 THERMAL CHARACTERISTIC
Parameter
Symbol
最大值
Value
Unit
JCS640VH/RH/CH
JCS640FH
结到管壳的热阻 Thermal Resistance,
Junction to Case
Rth(j-c)
0.89
2.85
℃/W
结到环境的热阻 Thermal Resistance,
Junction to Ambient
Rth(j-A)
62.5
℃/W
Parameter
Symbol
测试条件
Tests conditions
最小
Min
典型
Typ
最大
Max
单位
Units
开关特性 Switching –Characteristics
延迟时间 Turn-On delay time
td(on)
VDD=100V,ID=18A,RG=25Ω
VGS =10V
(note 4,5)
-
15.2 21
ns
上升时间 Turn-On rise time
tr
-
38.7 54
ns
延迟时间 Turn-Off delay time
td(off)
-
46.4 65
ns
下降时间 Turn-Off Fall time
tf
-
12.8 18
ns
栅极电荷总量 Total Gate Charge
Qg
VDS =160V ,
ID=18A
VGS =10V(note 4,5)
-
27.5 36
nC
栅-源电荷 Gate-Source charge
Qgs
-
5.7
-
nC
栅-漏电荷 Gate-Drain charge
Qgd
-
10.8
-
nC
漏-源二极管特性及最大额定值 Drain-Source Diode Characteristics and Maximum Ratings
正向最大连续电流
Maximum Continuous Drain-Source
Diode Forward Current
IS
-
-
18
A
正向最大脉冲电流
Maximum Pulsed Drain-Source Diode
Forward Current
ISM
-
-
72
A
正向最大连续电流
Maximum Continuous Drain-Source
Diode Forward Current
VSD
VGS=0V, IS=18A
-
1.4
V
反向恢复时间
Reverse recovery time
trr
VGS=0V, IS=18A
dIF/dt=100A/μs (note 4)
224
ns
反向恢复电荷
Reverse recovery charge
Qrr
1.38
μC
注:
1:脉冲宽度由最高结温限制
2:L=1.6mH, IAS=18A, VDD=50V,
RG=25 Ω,起始结温
TJ=25℃
3:ISD ≤18A,di/dt ≤200A/μs, VDD≤BVDSS,起始结温 TJ=25℃
4:脉冲测试:脉冲宽度≤300μs,占空比≤2%
5:基本与工作温度无关
Notes:
1:Pulse width limited by maximum junction temperature
2:L=1.6mH, IAS=18A, VDD=50V, RG=25 Ω,Starting
TJ=25℃
3:ISD ≤18A,di/dt ≤200A/μs, VDD≤BVDSS, Starting TJ=25℃
4:Pulse Test:Pulse Width ≤300μs, Duty Cycle≤2%
5:Essentially independent of operating temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com